Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 13 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 13 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 9Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 10Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 11Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 12Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 13Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 14Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 15Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 16Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 17Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
12
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 0805Cd series
Electrical Specifications @ 25°C (continued)
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0805CD121KTT
119.7 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 250MHz
1100
0.51
400
PE-0805CD151KTT
149.4 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 250MHz
920
0.56
400
PE-0805CD181KTT
179.6 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 250MHz
870
0.64
400
PE-0805CD221KTT
217 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
45 @ 250MHz
850
0.70
400
PE-0805CD241KTT
240 @ 100MHz
±5% (J)
±2% (G)
44 @ 250MHz
690
1.00
350
PE-0805CD271KTT
269 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
45 @ 250MHz
650
1.00
350
PE-0805CD331KTT
331 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
45 @ 250MHz
600
1.40
310
PE-0805CD391KTT
386 @ 50MHz
±10% (K)
±5% (J), ±2% (G)
35 @ 250MHz
560
1.50
290
PE-0805CD471KTT
477 @ 25MHz
±10% (K)
±5% (J), ±2% (G)
33 @ 100MHz
375
1.76
250
PE-0805CD561KTT
545 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
23 @ 50MHz
340
1.90
230
PE-0805CD681KTT
674 @ 25MHz
±10% (K)
±5% (J), ±2% (G)
23 @ 50MHz
188
2.20
190
PE-0805CD821KTT
783 @ 25MHz
±5% (J)
±2% (G)
23 @ 50MHz
215
2.35
180
PE-0805CD102KTT
1000 @25MHz
±5% (J)
±2% (G)
20 @ 50MHz
200
3.60
150
PE-0805CD122KTT
1200 @ 25MHz
±5% (J)
±2% (G)
20 @ 50MHz
200
4.10
120
PE-0805CD152KTT
1500 @ 25MHz
±10% (K)
±5% (J), ±2% (G)
20 @ 50MHz
200
5.00
100
1
2
3
4
5
*** For other inductance values in 0805 size, please refer to 0805CM (page 14) an 0805FT (page 16). ***
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note that
inductance information is not stamped on part, because of the extremely small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohmeter.
5. Based on a 15�C maximum temperature rise.
Typical Q vs Frequency
Typical Inductance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com