Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 19 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 19 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 15Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 16Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 17Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 18Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 19Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 20Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 21Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 22Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 23Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
18
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 1008Cd series
Wirewound ceramic core construction
High Q values and high self-esonant frequency
Industry standard 1008 (2520) surface mount
land pattern
See page 3 for Competition Cross Reference
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-1008CD090JTT
9,7 @ 50MHz
±5%
±10% (K), ±2% (G)
50 @ 500MHz
4100.0
0.09
1000
PE-1008CD100JTT
10 @ 50MHz
±5%
±10% (K), ±2% (G)
50 @ 500MHz
4100.0
0.09
1000
PE-1008CD120JTT
12 @ 50MHz
±5%
±10% (K), ±2% (G)
50 @ 500MHz
3300.0
0.09
1000
PE-1008CD140JTT
14,3 @ 50MHz
±5%
±10% (K), ±2% (G)
50 @ 500MHz
1850.0
0.10
1000
PE-1008CD150JTT
15 @ 50MHz
±5%
±10% (K), ±2% (G)
50 @ 500MHz
1850.0
0.10
1000
PE-1008CD180JTT
17, 8 @ 50MHz
±5%
±10% (K), ±2% (G)
50 @ 350MHz
2500.0
0.11
1000
PE-1008CD220JTT
22 @ 50MHz
±5%
±10% (K), ±2% (G)
55 @ 350MHz
1800.0
0.12
1000
PE-1008CD270JTT
27 @ 50MHz
±5%
±10% (K), ±2% (G)
55 @ 350MHz
1500.0
0.11
1000
PE-1008CD330JTT
33 @ 50MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
1600.0
0.14
1000
PE-1008CD390JTT
39 @ 50MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
1400.0
0.12
1000
PE-1008CD470JTT
47 @ 50MHz
±5%
±10% (K), ±2% (G)
65 @ 350MHz
1200.0
0.08
1000
PE-1008CD680JTT
68 @ 50MHz
±5%
±10% (K), ±2% (G)
65 @ 350MHz
1100.0
0.07
1000
PE-1008CD820JTT
82 @ 50MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
950.0
0.14
1000
PE-1008CD101JTT
100 @ 25MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
900.0
0.15
650
PE-1008CD121JTT
120 @ 25MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
950.0
0.63
650
PE-1008CD151JTT
150 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
625.0
0.16
580
PE-1008CD181JTT
180 @ 25MHz
±5%
±5% (J), ±2% (G)
45 @ 100MHz
650.0
0.77
620
PE-1008CD221JTT
220 @ 25MHz
±5%
±5% (J), ±2% (G)
45 @ 100MHz
625.0
0.84
500
PE-1008CD271JTT
270 @ 25MHz
±5%
±5% (J), ±2% (G)
45 @ 350MHz
525.0
0.91
500
PE-1008CD331JTT
330 @ 25MHz
±5%
±2% (G)
45 @ 100MHz
500.0
1.05
450
PE-1008CD391JTT
390 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
475.0
1.12
470
PE-1008CD471JTT
470@ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
450.0
1.19
420
PE-1008CD561JTT
560 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
415.0
1.33
310
PE-1008CD621JTT
620 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
375.0
1.40
300
PE-1008CD681JTT
680 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
375.0
1.47
230
PE-1008CD751JTT
750 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
350.0
1.61
200
1
2
3
4
5
(Continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com