Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 15 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 15 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 11Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 12Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 13Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 14Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 15Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 16Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 17Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 18Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 19Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
14
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 0805Cm series
Wirewound ceramic core construction
High Q values
High self resonant frequency
Industry standard 0805 (2012) surface
mount land pattern
See page 3 for Competition Cross Reference
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0805CM030KTT
3.3 @ 250MHz
±10% (K)
±5% (J)
37 @ 1500MHz
5000
0.08
600
PE-0805CM060KTT
6.8 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
46 @ 1000MHz
5000
0.15
600
PE-0805CM080KTT
8.2 @ 250MHz
±5% (J)
±2% (G)
47 @ 1000MHz
3900
0.13
600
PE-0805CM100KTT
10 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
3900
0.10
600
PE-0805CM120KTT
12 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 500MHz
2900
0.13
600
PE-0805CM150KTT
15 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 500MHz
2700
0.15
600
PE-0805CM180KTT
18 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @500MHz
2600
0.13
600
PE-0805CM220KTT
22 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
55 @ 500MHz
2200
0.13
500
PE-0805CM270KTT
27 @ 250MHz
±10% (K)
±5% (J)
55 @ 500MHz
2000
0.23
500
PE-0805CM330KTT
33 @ 250MHz
±10% (K)
±5% (J)
58 @ 500MHz
1800
0.18
500
PE-0805CM390KTT
39 @ 250MHz
±5% (J)
60 @ 500MHz
1600
0.23
500
PE-0805CM470KTT
47 @ 200MHz
±10% (K)
±5% (J)
60 @ 500MHz
1650
0.25
500
PE-0805CD560KTT
56 @200MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
1300
0.16
500
PE-0805CM680KTT
68 @ 200MHz
±5% (J)
60 @ 500MHz
1350
0.18
500
PE-0805CM820KTT
82 @ 150MHz
±5% (J)
±5% (J), ±2% (G)
60 @ 500MHz
1300
0.36
400
PE-0805CM101KTT
100 @ 150MHz
±10% (K)
±2% (G)
55 @ 500MHz
1100
0.36
400
PE-0805CM121KTT
120 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
45 @ 250MHz
1100
0.56
350
PE-0805CM151KTT
150 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 250MHz
900
0.56
350
PE-0805CM181KTT
180 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 250MHz
875
0.69
300
PE-0805CM221KTT
220 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
45 @ 250MHz
800
0.85
300
PE-0805CM271KTT
270 @ 100MHz
±5% (J)
±2% (G)
40 @ 100MHz
800
0.90
300
PE-0805CM331KTT
330 @ 100MHz
±10% (K)
±5% (J), ±2% (G)
40 @ 100MHz
775
1.28
300
PE-0805CM391KTT
390 @ 100MHz
±2% (G)
40 @ 100MHz
725
1.70
300
PE-0805CM471KTT
470 @ 100MHz
±10% (K)
±5% (J)
38 @ 100MHz
600
3.25
240
PE-0805CM561KTT
560 @ 100MHz
±10% (K)
±5% (J)
40 @ 100MHz
600
3.10
240
PE-0805CM681KTT
680 @ 50MHz
±10% (K)
±5% (J), ±2% (G)
32 @ 50MHz
550
3.50
240
PE-0805CM821KTT
820 @ 50MHz
±5% (J)
23 @ 50MHz
215
2.35
200
1
2
3
4
5
(Continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com