Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 23 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 23 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 19Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 20Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 21Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 22Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 23Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 24Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 25Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 26Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 27Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
22
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 1008Cm series
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
Inc
PE-1008CM621JTT
620 @ 25MHz
±5%
±10% (K)
45 @ 100MHz
375.0
1.90
200
620.0
PE-1008CM681JTT
680 @ 25MHz
±5%
±2% (G)
45 @ 100MHz
375.0
2.30
200
680.0
PE-1008CM751JTT
750 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
350.0
1.60
200
750.0
PE-1008CM821JTT
820 @ 25MHz
±5%
±10% (K), ±2% (G)
40 @ 100MHz
325.0
3.30
200
820.0
PE-1008CM911JTT
910 @ 25MHz
±5%
±10% (K), ±2% (G)
40 @ 50MHz
300.0
2.10
200
910.0
PE-1008CM102JTT
1000 @ 25MHz
±5%
±10% (K), ±2% (G)
40 @ 50MHz
300.0
1.80
200
1000.0
PE-1008CM122JTT
1200 @ 10MHz
±5%
±10% (K), ±2% (G)
40 @ 50MHz
250.0
3.00
200
1200.0
PE-1008CM152JTT
1500 @ 10MHz
±5%
±10% (K), ±2% (G)
40 @ 50MHz
200.0
4.00
150
1500.0
PE-1008CM182JTT
1800 @ 10MHz
±5%
±10% (K), ±2% (G)
40 @ 50MHz
150.0
5.09
150
1800.0
PE-1008CM222JTT
2200 @ 10MHz
±5%
±10% (K), ±2% (G)
30 @ 25MHz
80.0
5.85
150
2200.0
PE-1008CM272JTT
2700 @ 10MHz
±10%
30 @ 25MHz
90.0
7.70
150
2700.0
PE-1008CM332GTT
3300 @ 10MHz
±2%
±10% (K)
25 @ 15MHz
40.0
7.80
150
3300.0
PE-1008CM472JTT
4700 @ 10MHz
±5%
±5% (J), ±2% (G)
16 @ 15MHz
25.0
6.00
150
4700.0
1
2
3
4
5
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note that
inductance information is not stamped on part, because of the extremely small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohmeter.
5. Based on a 15�C maximum temperature rise.
6. Component Weight: 0.032 grams typical.
Typical Q vs Frequency
Typical Inductance vs Frequency
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
Mechanical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com