Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 12 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 12 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 9Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 10Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 11Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 12Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 13Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 14Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 15Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 16Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
WC701.O (01/15)
www.pulseelectronics.com
11
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 0805Cd series
Wirewound ceramic core construction
High Q values
High self resonant frequency
Industry standard 0805 (2012) surface
mount land pattern
See page 3 for Competition Cross Reference
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0805CD2N8KTT
2.8 @ 250MHz
±10% (K)
80 @ 1500MHz
>6000
0.06
600
PE-0805CD3N0KTT
3.0 @ 250MHz
±10% (K)
±5% (J)
65 @ 1500MHz
>6000
0.06
600
PE-0805CD030KTT
3.32 @ 250MHz
±10% (K)
±5% (J)
40 @ 1500MHz
6000
0.08
600
PE-0805CD050KTT
5.6 @ 250MHz
±5% (J)
50 @ 1500MHz
5500
0.10
600
PE-0805CD060KTT
6.5 @ 250MHz
±10% (K)
50 @ 1000MHz
5000
0.11
600
PE-0805CD7N5KTT
7.5 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 1000MHz
4500
0.14
600
PE-0805CD080KTT
7.9 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 1000MHz
4700
0.12
600
PE-0805CD100KTT
10.2 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 500MHz
4100
0.14
600
PE-0805CD120KTT
11.9 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 500MHz
4000
0.15
600
PE-0805CD150KTT
14.9 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 500MHz
3400
0.17
600
PE-0805CD180KTT
17.95 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
50 @ 500MHz
3300
0.20
600
PE-0805CD220KTT
21.7 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
55 @ 500MHz
2600
0.22
500
PE-0805CD240KTT
24 @250MHz
±5% (J)
50 @ 500MHz
2000
0.22
500
PE-0805CD270KTT
26.5 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
55 @ 500MHz
2500
0.25
500
PE-0805CD330KTT
32.75 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
2050
0.27
500
PE-0805CD360KTT
36 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
55 @ 500MHz
1700
0.27
500
PE-0805CD390KTT
38.5 @ 250MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
2000
0.29
500
PE-0805CD430KTT
43 @ 200MHz
±5% (J)
±2% (G)
60 @ 500MHz
1650
0.34
500
PE-0805CD470KTT
46.6 @ 200MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
1650
0.31
500
PE-0805CD560KTT
55.5 @ 200MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
1550
0.34
500
PE-0805CD680KTT
67.8 @ 200MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
1450
0.38
500
PE-0805CD820KTT
82.7 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
1300
0.42
400
PE-0805CD910KTT
91 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
65 @ 500MHz
1200
0.44
400
PE-0805CD101KTT
98.7 @ 150MHz
±10% (K)
±5% (J), ±2% (G)
60 @ 500MHz
1200
0.46
400
PE-0805CD111KTT
110 @ 150MHz
±5% (J)
±2% (G)
50 @ 250MHz
1000
0.48
400
1
2
3
4
5
(Continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com