Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 17 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 17 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 13Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 14Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 15Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 16Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 17Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 18Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 19Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 20Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 21Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
16
www.pulseelectronics.com
WC701.O (01/15)
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 0805Ft series
Wirewound ceramic core construction
High Q values and resonant frequency
Industry standard 0805 (2012) surface
mount land pattern
See page 3 for Competition Cross Reference
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0805FT102KTT
1.0 @ 7.96MHz
±5% (J)
15 @ 7.96MHz
63
1.20
245
PE-0805FT152KTT
1.5 @ 7.96MHz
±10% (K)
±5% (J)
15 @ 7.96MHz
60
1.45
225
PE-0805FT222KTT
2.2 @ 7.96MHz
±10% (K)
±5% (J)
15 @ 7.96MHz
58
1.80
200
PE-0805FT332KTT
3.3 @ 7.96MHz
±10% (K)
±5% (J)
15 @ 7.96MHz
50
2.30
175
PE-0805FT472KTT
4.7 @ 7.96MHz
±10% (K)
±5% (J)
15 @ 7.96MHz
43
2.80
140
PE-0805FT682KTT
6.8 @ 7.96MHz
±10% (K)
±5% (J)
15 @ 7.96MHz
36
3.40
115
PE-0805FT103KTT
10 @ 2.52MHz
±10% (K)
±5% (J)
10 @ 2.52MHz
30
4.70
98
PE-0805FT153KTT
15 @ 2.52MHz
±10% (K)
±5% (J)
10 @ 2.52MHz
23
6.50
80
PE-0805FT223KTT
22 @ 2.52MHz
±10% (K)
±5% (J)
10 @ 2.52MHz
20
8.00
68
PE-0805FT333KTT
33 @ 2.52MHz
±10% (K)
±5% (J)
10 @ 2.52MHz
17
10.70
60
PE-0805FT473KTT
47 @ 2.52MHz
±10% (K)
±5% (J)
10 @ 2.52MHz
14
13.80
55
PE-0805FT683KTT
68 @ 2.52MHz
±10% (K)
±5% (J)
8 @ 2.52MHz
11
17.50
49
1
2
3
4
5
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note that
inductance information is not stamped on part, because of the extremely small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohmeter.
5. Based on a 15�C maximum temperature rise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com