Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 20 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 20 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 16Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 17Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 18Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 19Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 20Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 21Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 22Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 23Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 24Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
WC701.O (01/15)
www.pulseelectronics.com
19
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 1008Cd series
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-1008CD821JTT
820 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
325.0
1.61
180
PE-1008CD911JTT
909,5 @ 25MHz
±5%
±10% (K), ±2% (G)
35 @ 50MHz
290.0
1.75
150
PE-1008CD102JTT
1000 @ 25MHz
±5%
±10% (K), ±2% (G)
35 @ 50MHz
260.0
1.90
120
PE-1008CD122JTT
1200 @ 7.9MHz
±5%
±10% (K), ±2% (G)
35 @ 50MHz
250.0
2.00
310
PE-1008CD152JTT
1500 @ 7.9MHz
±5%
±10% (K), ±2% (G)
28 @ 50MHz
200.0
2.30
330
PE-1008CD182JTT
1792.9 @ 7.9MHz
±5%
±10% (K), ±2% (G)
28 @ 50MHz
160.0
2.60
300
PE-1008CD212JTT
2154.5 @ 7.9MHz
±5%
±10% (K), ±2% (G)
28 @ 50MHz
80.0
2.80
280
PE-1008CD222JTT
2200 @ 7.9MHz
±5%
±10% (K), ±2% (G)
28 @ 50MHz
80.0
2.80
280
PE-1008CD272JTT
2700 @ 7.9MHz
±5%
±10% (K), ±2% (G)
22 @ 50MHz
90.0
3.20
290
PE-1008CD322JTT
3207.6 @ 7.9MHz
±10%
22 @ 25MHz
40.0
3.40
290
PE-1008CD332JTT
3300 @ 7.9MHz
±5%
±10% (K), ±2% (G)
22 @ 25MHz
40.0
3.40
290
PE-1008CD392JTT
3900 @ 7.9MHz
±5%
±10% (K), ±2% (G)
20 @ 25MHz
35.0
3.60
260
PE-1008CD452JTT
4526.2 @ 7.9MHz
±5%
±10% (K), ±2% (G)
20 @ 25MHz
25.0
4.00
260
PE-1008CD472JTT
4700 @ 7.9MHz
±5%
±10% (K)
20 @ 25MHz
25.0
4.00
260
PE-1008CD562JTT
5600 @ 7.9MHz
±5%
±10% (K)
20 @ 25MHz
60.0
5.40
240
PE-1008CD682JTT
6800 @ 7.9MHz
±5%
18 @ 7.9MHz
40.0
4.90
200
PE-1008CD822JTT
8200 @ 7.9MHz
±5%
18 @ 7.9MHz
25.0
6.00
160
1
2
3
4
5
(Continued on next page)
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note that
inductance information is not stamped on part, because of the extremely small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohmeter.
5. Based on a 15�C maximum temperature rise.
6. Component Weight: 0.032 grams typical.
7. These components are 0.055" in height.
*** For other inductance values in 1008 size, please refer to 1008CM (page 21-22) and 1008CQ (page 23) ***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com