Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 22 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 22 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 18Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 19Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 20Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 21Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 22Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 23Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 24Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 25Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 26Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
WC701.O (01/15)
www.pulseelectronics.com
21
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 1008Cm series
Wirewound ceramic core construction
High Q values and high self-esonant frequency
Industry standard 1008 (2520) surface mount
land pattern
See page 3 for Competition Cross Reference
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
Ind
PE-1008CM040KTT
4.7 @ 50MHz
±10%
60 @ 1500MHz
5500.0
0.09
1000
4.7
PE-1008CM080JTT
8.2 @ 50MHz
±5%
±10% (K)
60 @ 1500MHz
5500.0
0.09
1000
8.2
PE-1008CM100JTT
10 @ 50MHz
±5%
±10% (K), ±2% (G)
50 @ 500MHz
4100
0.09
1000
10.0
PE-1008CM120JTT
12 @ 50MHz
±5%
±10% (K), ±2% (G)
65 @ 500MHz
4100
0.09
1000
12.0
PE-1008CM150JTT
15 @ 50MHz
±5%
±10% (K)
55 @ 500MHz
3300
0.09
1000
15.0
PE-1008CM180JTT
18 @ 50MHz
±2%
±10% (K)
55 @ 500MHz
1850
0.10
1000
18.0
PE-1008CM220JTT
22 @ 50MHz
±2%
±10% (K)
55 @ 500MHz
1850
0.10
1000
22.0
PE-1008CM270JTT
27 @ 50MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
2500
0.11
1000
27.0
PE-1008CM330JTT
33 @ 50MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
1800
0.18
800
33.0
PE-1008CM390JTT
39 @ 50MHz
±5%
±10% (K), ±2% (G)
70 @ 350MHz
1400
0.12
1000
39.0
PE-1008CM470JTT
47 @ 50MHz
±5%
±10% (K), ±2% (G)
70 @ 350MHz
1200
0.08
1000
47.0
PE-1008CM560JTT
56 @ 50MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
1150
0.12
1000
56.0
PE-1008CM680JTT
68 @ 50MHz
±5%
±10% (K), ±2% (G)
70 @ 350MHz
1100
0.07
1000
68.0
PE-1008CM820JTT
82 @ 50MHz
±5%
±10% (K), ±2% (G)
65 @ 350MHz
950
0.14
950
82.0
PE-1008CM101JTT
100 @ 25MHz
±5%
±10% (K), ±2% (G)
65 @ 350MHz
900
0.15
650
100.0
PE-1008CM121JTT
120 @ 25MHz
±5%
±10% (K), ±2% (G)
60 @ 350MHz
825
0.22
650
120.0
PE-1008CM151JTT
150 @ 25MHz
±5%
±10% (K), ±2% (G)
50 @ 100MHz
625
0.16
580
150.0
PE-1008CM181JTT
180 @ 25MHz
±5%
±2% (G)
50 @ 100MHz
650
0.25
600
180.0
PE-1008CM201JTT
200 @ 25MHz
±5%
±10% (K), ±2% (G)
50 @ 100MHz
630
0.24
580
200.0
PE-1008CM221JTT
220 @ 25MHz
±5%
±10% (K), ±2% (G)
50 @ 100MHz
625
0.28
500
220.0
PE-1008CM271JTT
270 @ 25MHz
±5%
±10% (K), ±2% (G)
45 @ 100MHz
525
0.50
500
270.0
PE-1008CM331JTT
330 @ 25MHz
±5%
±2% (G)
50 @ 100MHz
500
0.80
450
330.0
PE-1008CM371JTT
370 @ 25MHz
±5%
±10% (K), ±2% (G)
50 @ 100MHz
490
0.80
430
370.0
PE-1008CM391JTT
390 @ 25MHz
±5%
±10% (K), ±2% (G)
50 @ 100MHz
475
0.75
425
390.0
PE-1008CM401GTT
400 @ 25MHz
±2%
50 @ 100MHz
470
0.75
420
400.0
PE-1008CM471JTT
470 @ 25MHz
±5%
±10% (K), ±2% (G)
50 @ 100MHz
450
0.70
350
470.0
PE-1008CM561JTT
560 @ 25MHz
±5%
±10% (K), ±2% (G)
50 @ 100MHz
425
0.80
350
560.0
1
2
3
4
5
(Continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com