Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10JTT Datasheet(PDF) 26 Page - Pulse A Technitrol Company

Part # PE-0603CDR10JTT
Description  RF Chip Inductors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10JTT Datasheet(HTML) 26 Page - Pulse A Technitrol Company

Back Button PE-0603CDR10JTT Datasheet HTML 20Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 21Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 22Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 23Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 24Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 25Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 26Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 27Page - Pulse A Technitrol Company PE-0603CDR10JTT Datasheet HTML 28Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
WC701.O (01/15)
www.pulseelectronics.com
25
Pulse Jack
E l e c t r o n i c s
Wire-Wound rF Chip
induCtors - 1206Cd series
Wirewound ceramic core construction
High Q values and self-esonant frequency
Industry standard 1206 (3216) SMT land pattern
See page 3 for Competition Cross Reference
Electrical Specifications @ 25°C
Part Number
Inductance
(nH)
Standard
Tolerance
Optional
Tolerance
Q
(MIN)
SRF Min
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-1206CD030KTT
3.3 @ 100MHz
±10% (K)
±5% (J)
30 @ 300MHz
6200
0.05
1000
PE-1206CD060KTT
6.8 @ 100MHz
±10% (K)
±5% (J)
30 @ 300MHz
5500
0.07
1000
PE-1206CD100KTT
10 @ 100MHz
±10% (K)
±5% (J)
40 @ 300MHz
4000
0.08
1000
PE-1206CD120KTT
12 @ 100MHz
±10% (K)
±5% (J)
40 @ 300MHz
3200
0.08
1000
PE-1206CD150KTT
15 @ 100MHz
±10% (K)
±5% (J)
40 @ 300MHz
3200
0.10
1000
PE-1206CD180KTT
18 @ 100MHz
±10% (K)
±5% (J)
50 @ 300MHz
2800
0.10
1000
PE-1206CD220KTT
22 @ 100MHz
±10% (K)
±5% (J)
50 @ 300MHz
2200
0.10
1000
PE-1206CD270KTT
27 @ 100MHz
±10% (K)
±5% (J)
50 @ 300MHz
1800
0.11
1000
PE-1206CD330KTT
33 @ 100MHz
±10% (K)
±5% (J)
55 @ 300MHz
1800
0.11
1000
PE-1206CD390KTT
39 @ 100MHz
±5% (J)
55 @ 300MHz
1800
0.12
1000
PE-1206CD470KTT
47 @ 100MHz
±10% (K)
±5% (J)
55 @ 300MHz
1500
0.13
1000
PE-1206CD820KTT
82 @ 100MHz
±10% (K)
±5% (J)
55 @ 300MHz
1200
0.21
900
PE-1206CD101KTT
100 @ 100MHz
±10% (K)
±5% (J)
55 @ 300MHz
1100
0.26
850
PE-1206CD121KTT
120 @ 100MHz
±10% (K)
±5% (J)
60 @ 350MHz
1100
0.26
800
PE-1206CD151KTT
150 @ 100MHz
±10% (K)
±5% (J)
60 @ 350MHz
950
0.31
750
PE-1206CD181KTT
180 @ 50MHz
±10% (K)
±5% (J)
60 @ 100MHz
900
0.43
700
PE-1206CD221KTT
220 @ 50MHz
±10% (K)
±5% (J)
60 @ 350MHz
760
0.50
670
PE-1206CD271KTT
270 @ 50MHz
±10% (K)
±5% (J)
55 @ 300MHz
730
0.56
630
PE-1206CD331KTT
330 @ 50MHz
±10% (K)
45 @ 150MHz
650
0.62
590
PE-1206CD391KTT
390 @ 50MHz
±10% (K)
±5% (J)
45 @ 150MHz
600
0.75
530
PE-1206CD471KTT
470 @ 50MHz
±10% (K)
±5% (J)
45 @ 150MHz
550
1.30
490
PE-1206CD561KTT
560 @ 35MHz
±10% (K)
±5% (J)
45 @ 150MHz
470
1.34
460
PE-1206CD621KTT
629 @ 35MHz
±10% (K)
±5% (J), ±2% (G)
45 @ 150MHz
470
PE-1206CD681KTT
680 @ 35MHz
±5% (J)
45 @ 150MHz
450
1.58
430
PE-1206CD821KTT
820 @ 35MHz
±5% (J)
45 @ 150MHz
420
1.82
400
PE-1206CD911KTT
910 @ 35MHz
±5% (J)
45 @ 150MHz
410
2.95
400
PE-1206CD102KTT
1000 @ 35MHz
±5% (J)
45 @ 150MHz
400
2.80
320
PE-1206CD122KTT
1200 @ 35MHz
±5% (J)
45 @ 150MHz
380
3.20
300
1
2
3
4
5
(Continued on next page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com