Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
15
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bus Mode
ALE/ADV_N
CLE
DATA_BUS
_WIDTH
Signal Description
select: control signals
DACK: DMA acknowledge input
DREQ: DMA request output
General
Multiplex 16-bit
LOW
HIGH
0
AD[15:0]: 16-bit data bus
ALE, write(WR_N), read(RD_N), chip
select: control signals
DACK: DMA acknowledge input
DREQ: DMA request output
Table 4-1 Bus Configuration modes
SRAM mode
NOR mode
General
Multiplex
mode
Type
Description
AD[15:0]
AD[15:0]
AD[15:0]
I/O
Data or address bus
A[7:0]
-
-
I
Address bus
-
ADV_N
ALE
I
Address or command valid
CS_N
CS_N
CS_N
I
Chip select
RD_N/RE_N
OE_N
RD_N/RE_N
I
Read control
WR_N/WE_N
WE_N
WR_N/WE_N
I
Write control
INT
INT
INT
O
Interrupt request
DREQ
-
DREQ
O
DMA request
DACK
-
DACK
I
DMA acknowledge
Table 4-2 Pin information of the bus interface
4.2 SRAM bus interface mode
The bus interface will be in SRAM 16-bit mode if pins ALE/ADV_N and CLE are HIGH, when:
•
The CS_N/CE_N pin goes LOW, and the RD_N /RE_N/OE_N pin goes LOW.
Then, if the DATA_BUS_WIDTH bit is set, the bus interface will be in SRAM 8-bit mode.
In SRAM mode, A[7:0] is the 8-bit address bus and AD[15:0] is the separate 16-bit data bus.
The FT313H pins RD_N /RE_N/OE_N and WR_N/WE_N are the read and write strobes. The
SRAM bus interface supports both 8-bit and 16-bit bus width that can be configured by setting
or clearing bit DATA_BUS_WIDTH. The DMA transfer is also applicable to this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com