Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
20
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
5 Host controller specific registers
5.1 Overview of registers
Table 5.1 shows the definitions of the FT313H host controller specific registers.
Address
Register
Reset value
Description
EHCI operational register
00h
HCCAPLENGTH
0100 0010h
Capability register
04h
HCSPARAMS
0000 0001h
Structural parameter register
08h
HCCPARAMS
0000 0006h
Capability parameter register
10h
USBCMD
0008 0B00h
USB command register
14h
USBSTS
0000 1000h
USB status register
18h
USBINTR
0000 0000h
USB interrupt enable register
1Ch
FRINDEX
0000 0000h
Frame index register
24h
PERIODICLISTADDR
0000 0000h
Periodic frame list base address register
28h
ASYNCLISTADDR
0000 0000h
Current asynchronous list address register
30h
POSTSC
0000 0000h
Port status and control register
Configuration register
34h
EOFTIME
0000 0041h
EOF time and asynchronous schedule sleep timer
register
80h
CHIPID
0313 0001h
Chip ID register
84h
HWMODE
0000 0000h
HW mode control register
88h
EDGEINTC
0000 001Fh
Edge interrupt control register
8Ch
SWRESET
0000 0000h
SW reset register
90h
MEMADDR
0000h
Memory address register
92h
DATAPORT
0000h
Data port register
94h
DATASESSION
0000h
Data session length register
96h
CONFIG
1FA0h
Configuration register
98h
AUX_MEMADDR
0000h
Auxiliary memory address register
9Ah
AUX_DATAPORT
0000h
Auxiliary data port register
9Ch
SLEEPTIMER
0400h
Sleep timer register
Interrupt register
A0h
HCINTSTS
0000h
Host controller interrupt status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com