Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
32
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
10b: NOR mode
11b: SRAM mode
Write to these bits
have no effect.
5
Reserved
RO
1’b0
-
4
DATA_BUS_WIDTH
R/W
1’b0
Data bus width
0: Defines a 16-
bit data bus width.
1: Sets a 8-bit
data bus width.
3
Reserved
RO
1’b0
-
2
RESET_ATX
R/W
1’b0
Reset USB
transceiver
0: No reset
1: Enable reset
When the software
writes a ‘1’ to this
bit, the USB PHY
reset sequence will
start. Automatic
clear zero.
1
RESET_HC
R/W
1’b0
Reset host
controller
0: No reset
1: Enable reset
When the software
writes a ‘1’ to this
bit, the Host
Controller reset
sequence will
start. Automatic
clear zero.
0
RESET_ALL
R/W
1’b0
Reset all system
0: No reset
1: Enable reset
When the software
writes a ‘1’ to this
bit, the whole
system reset
sequence will
start. Automatic
clear zero.
Table 5-16 SW reset register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com