Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
39
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
in the USB2.0 specification from the memory
to FIFO. Then, send the packet to the
transceiver.
1
TST_KSTA
R/W
1’b0
TEST_K
Upon writing a ‘1,’ the D+/D- are set to the
high-speed K state.
0
TST_JSTA
R/W
1’b0
TEST_J
Upon writing a ‘1,’ the D+/D- are set to the
high-speed J state.
Table 5-26 Test mode register
5.5.2 TESTPMSET1 register (address = 70h)
This parameter setting register is only used by test packet mode.
Bit
Name
Type
Default value
Description
[31:25]
Reserved
RO
7’b0
-
[24: 8]
DMA_LEN
R/W
11’h000
DMA Length
The total bytes of the DMA controller will
move. The maximum length is 1024 – 1 Bytes.
[7: 2]
Reserved
RO
6’b0
-
1
DMA_TYPE
R/W
1’b0
DMA Type
The transfer type of data moving
0: FIFO to Memory
1: Memory to FIFO
0
DMA_START
R/W
1’b0
DMA Start
This bit informs the DMA controller to initiate
the DMA transfer.
Table 5-27 Test mode parameter setting 1 register
5.5.3 TESTPMSET2 register (address = 74h)
This parameter setting register is only used by test packet mode.
Bit
Name
Type
Default value
Description
[31:0]
DMA_MADDR
R/W
32’b0
DMA Memory Address
The starting address of memory to request the
DMA transfer.
Table 5-28 Test parameter setting 2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com