Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 41Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
37
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
0: No SOF event has occurred.
1: SOF event has occurred.
0
MSOFINT
R/WC
1’b0
uSOF interrupt
The INT line will be asserted if the
respective enable bit in the HCINTEN
register is set.
0: No uSOF event has occurred.
1: uSOF event has occurred.
Table 5-24 HC interrupt status register
5.4.2 HCINTEN register (address = A4h)
Bit
Name
Type
Default value
Description
[15: 8]
Reserved
RO
10’b0
-
7
WAKEUPINT_EN
R/W
1’b0
Wake up interrupt enable on device
connect or disconnect
Control the INT generation when the device
connects or disconnects as wake up events.
0: No INT will be generated when device
connects or disconnects as wake up events.
1: INT will be asserted when device connects
or disconnects as wake up events.
6
OCINT_EN
R/W
1’b0
Overcurrent interrupt enable
Control the INT generation when the
overcurrent event triggers
0: No INT will be generated after overcurrent
event is triggered.
1: INT will be asserted after overcurrent event
is triggered.
5
CLKREADY_EN
R/W
1’b0
Clock ready enable
Control the INT generation when the internal
clock signals are running stable
0: No INT will be generated after clock runs
stable.
1: INT will be asserted after clock runs stable.
4
BUSINACTIVE_EN
R/W
1’b0
USB Bus inactive enable
Control the INT generation when the USB bus
is inactive
0: No INT will be generated when the USB bus
is inactive.
1: INT will be asserted when the USB bus is
inactive.
3
R/W
1’b0
Remote wake up interrupt enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com