Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
22
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
5.2.3 HCCPARAMS register (address = 08h)
This is multiple mode control (time base bit functionality) and addressing capability.
Bit
Name
Type
Default value
Description
[31:3]
Reserved
RO
29’h0
-
2
ASPC
RO
1’b1
Asynchronous Schedule Park Capability
The host controller supports the park feature for
high-speed queue heads in the Asynchronous
Schedule. This feature can be disabled or
enabled and set to a specific level by using the
Asynchronous Schedule Park Mode Enable and
Asynchronous Schedule Park Mode Count fields
in the USBCMD register.
1
PFLF
RO
1’b1
Programmable Frame List Flag
When this bit is set to 1b, the system software
can specify and use a smaller frame list and
configure the host controller via Frame List Size
field of the USBCMD register. This requirement
ensures that the frame list is always physically
contiguous.
0
Reserved
RO
1’b0
-
Table 5-4 Capability parameter register
5.2.4 USBCMD register (address = 10h)
The command register indicates the command to be executed by the serial bus host controller. Writing to
the register causes a command to be executed.
Bit
Name
Type
Default value
Description
[31:24]
Reserved
RO
8’h0
-
[23:16]
INT_THRC
R/W
8’h08
Interrupt Threshold Control
This field is used by the system software to
select the maximum rate at which the host
controller will issue the interrupts. The only
valid values are described as below:
Value Max Interrupt Interval for the high-speed
00h
Reserved
01h
No limited interval
02h
2 micro-frames
04h
4 micro-frames
08h
8 micro-frames (Default, equals to 1 ms)
10h
16 micro-frames (2 ms)
20h
32 micro-frames (4 ms)
40h
64 micro-frames (8 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com