Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
25
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
the PORTSC change bits.
1
USBERR_INT
R/WC
1’b0
USB Error Interrupt
The host controller sets this bit to ‘1’ when the
completion of a USB transaction results in an
error condition.
0
USB_INT
R/WC
1’b0
USB Interrupt
The host controller sets this bit to ‘1’ upon the
completion of a USB transaction.
Table 5-6 USB status register
5.2.6 USBINTR register (address = 18h)
This register enables and disables reporting of the corresponding interrupt to the software. When a bit is
set and the corresponding interrupt is active, an interrupt is generated to the host. Interrupt sources that
are disabled in this register still appear in the USBSTS to allow the software to poll for events.
Bit
Name
Type
Default value
Description
[31:6]
Reserved
RO
26’h0
-
5
INT_OAA_EN
R/W
1’b0
Interrupt on Async Advance Enable
When this bit is set to ‘1,’ and the Interrupt on
Async Advance bit in the USBSTS register is
set to ‘1’ also, the host controller will issue an
interrupt at the next interrupt threshold.
4
H_SYSERR_EN
R/W
1’b0
Host System Error Enable
When this bit is set to ‘1,’ and the Host
System Error Status bit in the USBSTS register
is set to ‘1’ also, the host controller will issue
an interrupt.
3
FRL_ROL_EN
R/W
1’b0
Frame List Rollover Enable
When this bit is set to ‘1,’ and the Frame List
Rollover bit in the USBSTS register is set to ‘1’
also, the host controller will issue an interrupt.
2
PO_CHG_DET_EN
R/W
1’b0
Port Change Interrupt Enable
When this bit is set to ‘1,’ and the Port Change
Detect bit in the USBSTS register is set to ‘1’
also, the host controller will issue an interrupt.
1
USBERR_INT_EN
R/W
1’b0
USB Error Interrupt Enable
When this bit is set to ‘1,’ and the USBERRINT
bit in the USBSTS register is set to ‘1’ also, the
host controller will issue an interrupt at the
next interrupt threshold.
0
USB_INT_EN
R/W
1’b0
USB Interrupt Enable
When this bit is set to ‘1,’ and the USBINT bit
in the USBSTS register is a set to ‘1’ also, the
host controller will issue an interrupt at the
next interrupt threshold. If set interrupt
threshold to 01h, means that when interrupt
event occurred, the INT signal will be toggled
at once.
Table 5-7 USB interrupt enable register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com