Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 30Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
26
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
5.2.7 FRINDEX register (address = 1Ch)
This register is used by the host controller to index into the periodic frame. The register updates very 125
microseconds (one each micro-frame).
Bit
Name
Type
Default value
Description
[31:14]
Reserved
RO
28’h0
-
[13:0]
FRINDEX
R/W
14’b0
Frame Index
This register is used by the host controller to
index the frame into the Periodic Frame List. It
updates every 125 microseconds. This register
cannot be written unless the host controller is
at the halted state.
Bits[N:3] are used for Frame List current
index. This means that each location of the
frame list is accessed 8 times before moving
to the next index.
USBCMD[Frame List Size] Number Elements N
00b
(1024)
12
01b
(512)
11
10b
(256)
10
11b
Reserved
Table 5-8 Frame index register
5.2.8 PERIODICLISTADDR register (address = 24h)
This 32-bit register contains the beginning address of the periodic frame list in the system memory.
Bit
Name
Type
Default value
Description
[31:12]
PERI_BASEADR
R/W
20’h0
Periodic Frame List Base Address
This 32-bit register contains the beginning
address of the
Periodic Frame List in the system memory.
These bits correspond to the memory address
signals[31:12].
[11:0]
Reserved
RO
12’b0
-
Table 5-9 Periodic frame list base address register
5.2.9 ASYNCLISTADDR register (address = 28h)
This 32-bit register contains the address of the next asynchronous queue head to be executed.
Bit
Name
Type
Default value
Description
[31:5]
ASYNC_LADR
R/W
27’h0
Current Asynchronous List Address
This 32-bit register contains the address of the
next asynchronous queue head to be
executed. These bits correspond to the
memory address signals [31:5].
[4:0]
Reserved
RO
5’b0
-
Table 5-10 Current asynchronous list address register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com