Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 38 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 38 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 42Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
38
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
REMOTEWKINT
_EN
Control the INT generation when the host
controller supports remote wake up
0: No INT will be generated when remote
wake up occurred.
1: INT will be asserted when remote wake up
occurred.
2
DMAEOTINT_EN
R/W
1’b0
DMA EOT interrupt enable
Control assertion of INT on the DMA transfer
completion
0: No INT will be generated when a DMA
transfer is completed.
1: INT will be asserted when a DMA transfer is
completed.
1
SOFINT_EN
R/W
1’b0
SOF interrupt enable
Control the INT generation at every SOF
occurrence
0: No INT will be generated on SOF.
1: INT will be asserted at every SOF.
0
MSOFINT_EN
R/W
1’b0
uSOF interrupt enable
Control the INT generation at every uSOF
occurrence
0: No INT will be generated on uSOF.
1: INT will be asserted at every uSOF.
Table 5-25 HC interrupt status register
5.5 USB testing registers
5.5.1 TESTMODE register (address = 50h)
This register allows the firmware to set the DP and DM pins to predetermined states for testing purposes.
Once force one test mode on host, must use test device on port connection.
Note: Only one bit can be set to logic 1 at a time. After writing to this register, need add 150ns delay
before writing this register again. The registers 70h and 74h both have same operation.
Bit
Name
Type
Default value
Description
[31:5]
Reserved
RO
27’b0
-
4
TST_LOOPBK
R/W
1’b0
Turn on the loop back mode. When this bit is
set to ‘1’, the host controller will enter the loop
back mode.
3
Reserved
RO
1’b0
-
2
TST_PKT
R/W
1’b0
TEST_PACKET
After entering the high speed and writing 1’b1
to this bit, users should command the DMA by
the test parameter setting registers (0x70h
and 0x74h) to move the packet data defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com