Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 30 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 30 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 34Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
30
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default
value
Description
00b 3750 clocks (30 MHz) = 1500 clocks (12 MHz) = 125 µs
01b 3500 clocks (30 MHz) = 1400 clocks (12 MHz) = 116 µs
10b 3250 clocks (30 MHz) = 1300 clocks (12 MHz) = 108 µs
11b 4000 clocks (30 MHz) = 1600 clocks (12 MHz) = 133 µs
[1:0]
ASYN_SCH_SLPT
R/W
2’b01
Asynchronous Schedule Sleep Timer
Controls the Asynchronous Schedule sleep timer.
00b
5 µs
01b
10 µs
10b
15 µs
11b
20 µs
Table 5-12 EOF time and asynchronous schedule sleep timer register
5.3.2 CHIPID register (address = 80h)
This chip ID register contains the chip identification and hardware version numbers.
Bit
Name
Type
Default value
Description
[31:0]
CHIP_ID
RO
32’h03130001
Chip ID
Table 5-13 Chip ID register
5.3.3 HWMODE register (address = 84h)
Bit
Name
Type
Default value
Description
[15: 8]
Reserved
RO
8’b0
-
[7: 6]
HOST_SPD_TYP
RO
2’b00
Host Speed Type
Indicate the speed type of attached
device
2’b10:
HS
2’b00:
FS
2’b01:
LS
2’b11:
Reserved
5
DACK_POL
R/W
1’b0
DACK Polarity
0: active LOW
1: active HIGH
4
DREQ_POL
R/W
1’b0
DREQ Polarity
0: active LOW
1: active HIGH
3
INTF_LOCK
R/W
1’b0
Interface Lock
0: Unlock the bus interface
1: Lock the bus interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com