Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HP-R Datasheet(PDF) 56 Page - Future Technology Devices International Ltd.

Part # FT313HP-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HP-R Datasheet(HTML) 56 Page - Future Technology Devices International Ltd.

Back Button FT313HP-R Datasheet HTML 52Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 53Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 54Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 55Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 56Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 57Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 58Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 59Page - Future Technology Devices International Ltd. FT313HP-R Datasheet HTML 60Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
56
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
If the microcontroller has no AD<0> pin for 16-bit wide devices, the unused AD<0> signal with must be
terminated with an external 10k ohm pull-down resistor.
If DMA transfers are not used the DACK and DREQ signals may be left floating or the DACK signal may be
terminated with external 10k ohm pull-down resistor.
7.1.6 8-Bit General Multiplex asynchronous bus interface
FT313H
OE_N/RE_N/RD_N
CS_E/CS_N
WE_N/WR_N
AD<7:0>
A<7:0>
INT
DACK
DREQ
Microcontroller
CS_N
RE_N
WE_N
AD<7:0>
INT
DACK
DREQ
ADV_N/ALE
ALE
8-Bit General Multiplex uses AD<7:0> signals as address and data bus. The unused high data bus
AD<15:8> and A<7:0> address bus must be terminated with external 10k ohm pull-down resistors.
If DMA transfers are not used the DACK and DREQ signals may be left floating or the DACK signal may be
terminated with external 10k ohm pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com