Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MF6 Datasheet HTML 1Page - National Semiconductor (TI) MF6 Datasheet HTML 2Page - National Semiconductor (TI) MF6 Datasheet HTML 3Page - National Semiconductor (TI) MF6 Datasheet HTML 4Page - National Semiconductor (TI) MF6 Datasheet HTML 5Page - National Semiconductor (TI) MF6 Datasheet HTML 6Page - National Semiconductor (TI) MF6 Datasheet HTML 7Page - National Semiconductor (TI) MF6 Datasheet HTML 8Page - National Semiconductor (TI) MF6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Filter Electrical Characteristics (Continued)
The following specifications apply for f
CLK ≤ 250 kHz (Note 3) unless otherwise specified. Boldface limits apply for TMIN
to T
MAX; all other limits TA = TJ = 25˚C.
Parameter
Conditions
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 9)
(Note 10)
V+ = +2.5V, V= −2.5V
Total Supply Current
fCLK=250 kHz
2.5
4.0
4.0
mA
Maximum
Clock
Filter Output
20
mV
Feedthrough
Op Amp 1 Out
15
(peak-to-
Op Amp 2 Out
10
peak)
Ho, DC Gain
Rsource≤2kΩ
0.0
±0.30
±0.30
dB
fCLK/fc, Clock to
Cutoff
Frequency
MF6-50
49.10±0.3%
49.10±2%
49.10±3%
Ratio
MF6-100
98.65±0.3%
98.65±2%
98.65±2.25%
DC
MF6-50
−200
mV
Offset Voltage
MF6-100
−400
Minimum Output
RL=10 kΩ
+1.5
+1.0
+1.0
V
Voltage Swing
−2.2
−1.7
−1.5
Maximum
Output
Source
28
Short Circuit
Sink
0.5
mA
Current
(Note 6)
Dynamic Range (Note 2)
77
dB
Additional
MF6-50
fCLK=250 kHz
Magnitude
f=6000 Hz
−9.54
−9.54±0.6
−9.54±0.75
dB
Response Test
f=4500 Hz
−0.96
−0.96±0.3
−0.96±0.4
Points (Note
4)
MF6-100
fCLK=250 kHz
f=3000 Hz
−9.67
−9.67±0.6
−9.67±0.75
dB
f=2250 Hz
−1.01
−1.01±0.3
−1.01±0.4
Attenuation
MF6-50
fCLK=250 kHz
dB/
Rate
f1=6000 Hz
−36
−36
octave
f2=8000 Hz
MF6-100
fCLK=250 kHz
dB/
f1=3000 Hz
−36
−36
octave
f2=4000 Hz
Op Amp Electrical Characteristics
Boldface limits apply for T
MIN to TMAX; all other limits TA = TJ = 25˚C.
Parameter
Conditions
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 9)
(Note 10)
V
+ = +5V, V= −5V
Input Offset Voltage
±8.0
±20
±20
mV
Input Bias Current
10
pA
CMRR (Op Amp #2 Only)
VCM1 = 1.8V,
60
55
dB
VCM2 = −2.2V
Output Voltage Swing
RL=10 kΩ
+4.0
+3.8
+3.6
V
−4.5
−4.0
−4.0
Maximum Output Short
Source
54
65
80
mA
Circuit Current (Note 6)
Sink
2.0
4.0
6.0
Slew Rate
7.0
V/µs
DC Open Loop Gain
72
dB
Gain Bandwidth Product
1.2
MHz
V
+ = +2.5V, V= −2.5V
Input Offset Voltage
±8.0
±20
±20
mV
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com