Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 6Page - National Semiconductor (TI) MF6 Datasheet HTML 7Page - National Semiconductor (TI) MF6 Datasheet HTML 8Page - National Semiconductor (TI) MF6 Datasheet HTML 9Page - National Semiconductor (TI) MF6 Datasheet HTML 10Page - National Semiconductor (TI) MF6 Datasheet HTML 11Page - National Semiconductor (TI) MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) MF6 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1.0 MF6 Application Hints
The MF6 is comprised of a non-inverting unity gain lowpass
sixth order Butterworth switched capacitor filter section and
two undedicated CMOS Op-Amps. The switched capacitor
topology makes the cutoff frequency (where the gain drops
3.01 dB below the DC gain) a direct ratio (100:1 or 50:1) of
the clock frequency supplied to the lowpass filter. Internal in-
tegrator time constants set the filter’s cutoff frequency. The
resistive element of these integrators is actually a capacitor
which is “switched” at the clock frequency (for a detailed dis-
cussion see Input Impedance Section). Varying the clock fre-
quency changes the value of this resistive element and thus
the time constant of the integrators. The clock to cutoff fre-
quency ratio (f
CLK/fc) is set by the ratio of the input and feed-
back capacitors in the integrators. The higher the clock to
cutoff frequency ratio (or the sampling rate) the closer this
approximation is to the theoretical Butterworth response.
The MF6 is available in f
CLK/fc ratios of 50:1 (MF6-50) or
100:1 (MF6-100).
1.1 CLOCK INPUTS
The MF6 has a Schmitt-trigger inverting buffer which can be
used to construct a simple R/C oscillator. The oscillator’s fre-
quency is dependent on the buffer’s threshold levels as well
as on the resistor/capacitor tolerance (see
Figure 1).
DS005065-12
FIGURE 1. Schmitt Trigger R/C Oscillator
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com