Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 5Page - National Semiconductor (TI) MF6 Datasheet HTML 6Page - National Semiconductor (TI) MF6 Datasheet HTML 7Page - National Semiconductor (TI) MF6 Datasheet HTML 8Page - National Semiconductor (TI) MF6 Datasheet HTML 9Page - National Semiconductor (TI) MF6 Datasheet HTML 10Page - National Semiconductor (TI) MF6 Datasheet HTML 11Page - National Semiconductor (TI) MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Pin Descriptions (Pin Numbers) (Continued)
Pin
Description
AGND (5)
The analog ground pin. This pin sets
the DC bias level for the filter section
and the non-inverting input of
Op-Amp #1 and must be tied to the
system ground for split supply
operation or to mid-supply for single
supply operation (see section 1.2).
When tied to mid-supply this pin
should be well bypassed.
V
O1 (4),
INV1 (13)
V
O1 is the output and INV1 is the
inverting input of Op-Amp #1. The
non-inverting input of this Op-Amp is
internally connected to the AGND
pin.
V
O2 (2),
INV2 (14),
NINV2 (1)
V
O2 is the output, INV2 is the
inverting input, and NINV2 is the
non-inverting input of Op-Amp #2.
V
+(6), V−(10)
The positive and negative supply
pins. The total power supply range is
5V to 14V. Decoupling these pins
with 0.1 µF capacitors is highly
recommended.
CLK IN (9)
A CMOS Schmitt-trigger input to be
used with an external CMOS logic
level clock. Also used for
self-clocking Schmitt-trigger oscillator
(see section 1.1).
CLK R (11)
A TTL logic level clock input when in
split supply operation (±2.5V to
±7V) and L. Sh tied to system
ground. This pin becomes a low
impedance output when L. Sh is tied
to V
−. Also used in conjunction with
the CLK IN pin for a self clocking
Schmitt-trigger oscillator (see section
1.1).
L. Sh (12)
Level shift pin, selects the logic
threshold levels for the desired
clock. When tied to V
− it enables an
internal tri-state® buffer stage
between the Schmitt trigger and the
internal clock level shift stage thus
enabling the CLK IN Schmitt-trigger
input and making the CLK R pin a
low impedance output.
When the voltage level at this input
exceeds [25%(V
+ −V−)+V−] the
internal tri-state buffer is disabled
allowing the CLK R pin to become
the clock input for the internal clock
level shift stage. The CLK R
threshold level is now 2V above the
voltage applied to the L. Sh pin.
Driving the CLK R pin with TTL logic
levels can be accomplished through
the use of split supplies and by tying
the L. Sh pin to system ground.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com