Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 10Page - National Semiconductor (TI) MF6 Datasheet HTML 11Page - National Semiconductor (TI) MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) MF6 Datasheet HTML 14Page - National Semiconductor (TI) MF6 Datasheet HTML 15Page - National Semiconductor (TI) MF6 Datasheet HTML 16Page - National Semiconductor (TI) MF6 Datasheet HTML 17Page - National Semiconductor (TI) MF6 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1.0 MF6 Application Hints (Continued)
(where T equals one clock period) or
The equivalent input resistor (R
in) then can be defined as
The input capacitor is 2 pF for the MF6-50 and 1 pF for the
MF6-100, so for the MF6-100
and
for the MF6-50. As shown in the above equations for a given
cutoff frequency (f
c) the input impedance remains the same
for the MF6-50 and the MF6-100. The higher the clock to
center frequency ratio, the greater equivalent input resis-
tance for a given clock frequency. As the cutoff frequency in-
creases the equivalent input impedance decreases. This in-
put resistance will form a voltage divider with the source
impedance (R
source). Since Rin is inversely proportional to
the cutoff frequency, operation at higher cutoff frequencies
will be more likely to load the input signal which would ap-
pear as an overall decrease in gain to the output of the filter.
Since the filter’s ideal gain is unity its overall gain is given by:
If the MF6-50 or the MF6-100 were set up for a cutoff fre-
quency of 10 kHz the input impedance would be:
In this example with a source impedance of 10k the overall
gain, if the MF6 had an ideal gain of 1 or 0 dB, would be:
Since the maximum overall gain error for the MF6 is ±0.3 dB
with a R
s ≤ 2kΩ the actual gain error for this case would be
+0.21 dB to −0.39 dB.
1.5 CUTOFF FREQUENCY RANGE
The filter’s cutoff frequency (f
c) has a lower limit caused by
leakage currents through the internal switches discharging
the stored charge on the capacitors. At lower clock frequen-
cies these leakage currents can cause millivolts of error, for
example:
The propagation delay in the logic and the settling time re-
quired to acquire a new voltage level on the capacitors in-
creases as the MF6 power supply voltage decreases. This
causes a shift in the f
CLK/fc ratio which will become notice-
able when the clock frequency exceeds 250 kHz. The ampli-
tude characteristic will stay within tolerance until f
CLK ex-
ceeds 500 kHz and will peak at about 0.5 dB at the corner
frequency with a 1 MHz clock. The response of the MF6 is
still a reasonable approximation of the ideal Butterworth low-
pass characteristic as can be seen in
Figures 7, 8, 9, 10.
DS005065-20
FIGURE 7. MF6-100 ±5V Supplies
Amplitude Response
DS005065-21
FIGURE 8. MF6-50 ±5V Supplies
Amplitude Response
DS005065-22
FIGURE 9. MF6-100 ±2.5V Supplies
Amplitude Response
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com