Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 11Page - National Semiconductor (TI) MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) MF6 Datasheet HTML 14Page - National Semiconductor (TI) MF6 Datasheet HTML 15Page - National Semiconductor (TI) MF6 Datasheet HTML 16Page - National Semiconductor (TI) MF6 Datasheet HTML 17Page - National Semiconductor (TI) MF6 Datasheet HTML 18Page - National Semiconductor (TI) MF6 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1.0 MF6 Application Hints (Continued)
2.0 Designing with the MF6
Given any lowpass filter specification two equations will
come in handy in trying to determine whether the MF6 will do
the job. The first equation determines the order of the low-
pass filter required:
where n is the order of the filter, A
min is the minimum stop-
band attenuation (in dB) desired at frequency f
s, and Amax is
the passband ripple or attenuation (in dB) at frequency f
b.If
the result of this equation is greater than 6, then more than a
single MF6 is required.
The attenuation at any frequency can be found by the follow-
ing equation:
Attn(f) = 10 log [1 + (10
0.1A max−1) (f/f
b)
2n] dB
(2)
where n = 6 (the order of the filter).
2.1 A LOWPASS DESIGN EXAMPLE
Suppose the amplitude response specification in
Figure 11 is
given. Can the MF6 be used? The order of the Butterworth
approximation will have to be determined using eq. 1:
A
min = 30 dB, Amax = 1.0 dB, fs = 2 kHz, and fb = 1 kHz
Since n can only take on integer values, n = 6. Therefore the
MF6 can be used. In general, if n is 6 or less a single MF6
stage can be utilized.
Likewise, the attenuation at f
s can be found using equation 2
with the above values and n = 6 giving:
Atten (2 kHz) = 10 log[1+(10
0.1 − 1) (2 kHz/1 kHz)12]
= 30.26 dB
This result also meets the design specification given in
Figure 11 again verifying that a single MF6 section will be
adequate.
Since the MF6’s cutoff frequency f
c, which corresponds to a
gain attenuation of −3.01 dB, was not specified in this ex-
ample it needs to be calculated. Solving equation 2 where
f = f
c as follows:
To implement this example for the MF6-50 the clock fre-
quency will have to be set to f
CLK = 50(1.116 kHz) = 55.8
kHz or for the MF6-100 f
CLK = 100(1.116 kHz) = 111.6 kHz.
2.2 CASCADING MF6s
In the case where a steeper stopband attenuation rate is re-
quired two MF6’s can be cascaded (
Figure 12) yielding a
12th order slope of 72 dB per octave. Because the MF6 is a
Butterworth filter and therefore has no ripple in its passband,
when MF6s are cascaded the resulting filter also has no
ripple in its passband. Likewise the DC and passband gains
will remain at 1V/V. The resulting response is shown in
Figures 13, 14.
In determining whether the cascaded MF6s will yield a filter
that will meet a particular amplitude response specification,
as above, equations 3 and 4 can be used, shown below.
where n = 6 (the order of each filter).
Equation 3 will determine whether the order of the filter is ad-
equate (n
≤ 6) while equation 4 can determine if the required
stopband attenuation is met and what actual cutoff frequency
(f
c) is required to obtain the particular frequency response
desired. The design procedure would be identical to the one
shown in section 2.1.
DS005065-23
FIGURE 10. MF6-50 ±2.5V Supplies
Amplitude Response
DS005065-24
FIGURE 11. Design Example Magnitude Response
Specification Where the Response of the Filter Design
Must Fall Within the Shaded Area of the Specification
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com