Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) MF6 Datasheet HTML 14Page - National Semiconductor (TI) MF6 Datasheet HTML 15Page - National Semiconductor (TI) MF6 Datasheet HTML 16Page - National Semiconductor (TI) MF6 Datasheet HTML 17Page - National Semiconductor (TI) MF6 Datasheet HTML 18Page - National Semiconductor (TI) MF6 Datasheet HTML 19Page - National Semiconductor (TI) MF6 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
2.0 Designing with the MF6 (Continued)
2.3 IMPLEMENTING A “NOTCH” FILTER WITH THE MF6
A “notch” filter with 60 dB of attenuation can be obtained by
using one of the Op-Amps, available in the MF6, and three
external resistors. The circuit and amplitude response are
shown in
Figures 15, 16.
The frequency where the “notch” will occur is equal to the
frequency at which the output signal of the MF6 will have the
same magnitude but be 180 degrees out of phase with its in-
put signal. For a sixth order Butterworth filter 180˚ phase
shift occurs where f = f
n = 0.742 fc. The attenuation at this
frequency is 0.12 dB which must be compensated for by
making R
1 = 1.014 x R2.
Since R
1 does not equal R2 there will be a gain inequality
above and below the notch frequency. At frequencies below
the notch frequency (f << f
n), the signal through the filter
has a gain of one and is non-inverting. Summing this with the
input signal through the Op-Amp yields an overall gain of two
or +6 dB. For f >> f
n, the signal at the output of the filter is
greatly attenuated thus only the input signal will appear at
the output of the Op-Amp. With R
3 = R1 = 1.014 R2 the over-
all gain is 0.986 or −0.12 dB at frequencies above the notch.
DS005065-25
FIGURE 12. Cascading Two MF6s
DS005065-26
FIGURE 13. One MF6-50 vs. Two MF6-50s Cascaded
DS005065-27
FIGURE 14. Phase Response of
Two Cascaded MF6-50s
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com