Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MF6 Datasheet HTML 1Page - National Semiconductor (TI) MF6 Datasheet HTML 2Page - National Semiconductor (TI) MF6 Datasheet HTML 3Page - National Semiconductor (TI) MF6 Datasheet HTML 4Page - National Semiconductor (TI) MF6 Datasheet HTML 5Page - National Semiconductor (TI) MF6 Datasheet HTML 6Page - National Semiconductor (TI) MF6 Datasheet HTML 7Page - National Semiconductor (TI) MF6 Datasheet HTML 8Page - National Semiconductor (TI) MF6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MF6
6th Order Switched Capacitor Butterworth Lowpass
Filter
General Description
The MF6 is a versatile easy to use, precision 6th order But-
terworth lowpass active filter. Switched capacitor techniques
eliminate external component requirements and allow a
clock tunable cutoff frequency. The ratio of the clock fre-
quency to the lowpass cutoff frequency is internally set to 50
to 1 (MF6-50) or 100 to 1 (MF6-100). A Schmitt trigger clock
input stage allows two clocking options, either self-clocking
(via an external resistor and capacitor) for stand-alone appli-
cations, or an external TTL or CMOS logic compatible clock
can be used for tighter cutoff frequency control. The maxi-
mally flat passband frequency response together with a DC
gain of 1 V/V allows cascading MF6 sections for higher order
filtering. In addition to the filter, two independent CMOS op
amps are included on the die and are useful for any general
signal conditioning applications.
Features
n No external components
n Cutoff frequency accuracy of ±0.3% typical
n Cutoff frequency range of 0.1 Hz to 20 kHz
n Two uncommitted op amps available
n 5V to 14V total supply voltage
n Cutoff frequency set by external or internal clock
Block and Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
All Packages
DS005065-2
Top View
Order Number MF6CWM-50
or MF6CWM-100
See NS Package Number M14B
DS005065-1
June 1999
© 1999 National Semiconductor Corporation
DS005065
www.national.com


Similar Part No. - MF6

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF60 RIEDON-MF60 Datasheet
237Kb / 1P
Film Resistors
logo
List of Unclassifed Man...
MF600SWI ETC-MF600SWI Datasheet
119Kb / 11P
Mirco Filter For ADSL CPE Side
MF601F ETC-MF601F Datasheet
99Kb / 10P
Mirco Filter For ADSL CPE Side
logo
Mitsubishi Electric Sem...
MF601G2-02BJXX MITSUBISHI-MF601G2-02BJXX Datasheet
145Kb / 18P
2.5 Flash Drive
logo
List of Unclassifed Man...
MF602F ETC-MF602F Datasheet
56Kb / 11P
Mirco Filter For ADSL CPE Side
More results

Similar Description - MF6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com