Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 9Page - National Semiconductor (TI) MF6 Datasheet HTML 10Page - National Semiconductor (TI) MF6 Datasheet HTML 11Page - National Semiconductor (TI) MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) MF6 Datasheet HTML 14Page - National Semiconductor (TI) MF6 Datasheet HTML 15Page - National Semiconductor (TI) MF6 Datasheet HTML 16Page - National Semiconductor (TI) MF6 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1.0 MF6 Application Hints (Continued)
Schmitt-trigger threshold voltage levels can change signifi-
cantly causing the R/C oscillator’s frequency to vary greatly
from part to part.
Where accuracy in f
c is required an external clock can be
used to drive the CLK R input of the MF6. This input is TTL
logic level compatible and also presents a very light load to
the external clock source (z2 µA) with split supplies and
L. Sh tied to system ground. The logic level is programmed
by the voltage applied to level shift (L. Sh) pin (See the Pin
description for L. Sh pin).
1.2 POWER SUPPLY BIASING
The MF6 can be biased from a single supply or dual split
supplies. The split supply mode shown in
Figure 2 and Fig-
ure 3 is the most flexible and easiest to implement. As dis-
cussed earlier split supplies, ±5V to ±7V, will enable the use
of TTL or CMOS clock logic levels.
Figure 4 shows two
schemes for single supply biasing. In this mode only CMOS
clock logic levels can be used.
1.3 OFFSET ADJUST
The VosADJ pin is used in adjusting the output offset level of
the filter section. If this pin is not used it must be tied to the
analog ground (AGND) level, either mid-supply for single
ended supply operation or ground for split supply operation.
This pin sets the zero reference for the output of the filter.
The implementation of this pin can be seen in
Figure 5.In
Figure 5a, DC offset is adjusted using a potentiometer; in
Figure 5b, the Op-Amp integrator circuit keeps the average
DC output level at AGND. The circuit in
Figure 5b is therefore
appropriate only for AC-coupled signals and signals biased
at AGND.
1.4 INPUT IMPEDANCE
The MF6 lowpass filter input (FILTER IN pin) is not a high im-
pedance buffer input. This input is a switched capacitor re-
sistor equivalent, and its effective impedance is inversely
proportional to the clock frequency. The equivalent circuit of
the input to the filter can be seen in
Figure 6. The input ca-
pacitor charges to the input voltage (V
in) during one half of
the clock period, during the second half the charge is trans-
ferred to the feedback capacitor. The total transfer of charge
in one clock cycle is therefore Q = C
inVin, and since current
is defined as the flow of charge per unit time the average in-
put current becomes
I
in = Q/T
DS005065-16
DS005065-17
FIGURE 5. V
OS Adjust Schemes
DS005065-18
a) Equivalent Circuit for MF6 Filter Input
DS005065-19
b) Actual Circuit for MF6 Filter Input
FIGURE 6. MF6 Filter Input
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com