Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) MF6 Datasheet HTML 14Page - National Semiconductor (TI) MF6 Datasheet HTML 15Page - National Semiconductor (TI) MF6 Datasheet HTML 16Page - National Semiconductor (TI) MF6 Datasheet HTML 17Page - National Semiconductor (TI) MF6 Datasheet HTML 18Page - National Semiconductor (TI) MF6 Datasheet HTML 19Page - National Semiconductor (TI) MF6 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2.0 Designing with the MF6 (Continued)
2.4 CHANGING CLOCK FREQUENCY
INSTANTANEOUSLY
The MF6 will respond favorably to a sudden change in clock
frequency. Distortion in the output signal occurs at the tran-
sition of the clock frequency and lasts approximately three
cutoff frequency (f
c) cycles. As shown in Figure 17,ifthe
control signal is low the MF6-50 has a 100 kHz clock making
f
c = 2 kHz; when this signal goes high the clock frequency
changes to 50 kHz yielding 1 kHz f
c.
The transient response of the MF6 seen in
Figure 18 is also
dependent on the f
c and thus the fCLK applied to the filter.
The MF6 responds as a classical sixth order Butterworth
lowpass filter.
DS005065-28
FIGURE 15. “Notch” Filter
DS005065-29
FIGURE 16. MF6-50 “Notch” Filter Amplitude Response
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com