Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MF6 Datasheet HTML 1Page - National Semiconductor (TI) MF6 Datasheet HTML 2Page - National Semiconductor (TI) MF6 Datasheet HTML 3Page - National Semiconductor (TI) MF6 Datasheet HTML 4Page - National Semiconductor (TI) MF6 Datasheet HTML 5Page - National Semiconductor (TI) MF6 Datasheet HTML 6Page - National Semiconductor (TI) MF6 Datasheet HTML 7Page - National Semiconductor (TI) MF6 Datasheet HTML 8Page - National Semiconductor (TI) MF6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Op Amp Electrical Characteristics (Continued)
Boldface limits apply for T
MIN to TMAX; all other limits TA = TJ = 25˚C.
Parameter
Conditions
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 9)
(Note 10)
V
+ = +2.5V, V− = −2.5V
Input Bias Current
10
pA
CMRR (Op-Amp #2 Only)
VCM1 = +0.5V,
60
55
dB
VCM2 = −0.9V
Output Voltage Swing
RL = 10 kΩ
+1.5
+1.3
+1.1
V
−2.2
−1.7
−1.7
Maximum Output Short
Source
24
mA
Circuit Current (Note 6)
Sink
1.0
Slew Rate
6.0
V/µs
DC Open Loop Gain
67
dB
Gain Bandwidth Product
1.2
MHz
Logic Input-Output Electrical Characteristics
(Note 5) The following specifications apply for V
− = 0V unless otherwise specified. Boldface limits apply for T
MIN to
T
MAX; all other limits TA = TJ = 25˚C.
Parameter
Conditions
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 9)
(Note 10)
TTL CLOCK INPUT, CLK R PIN (Note 7)
Maximum VIL, Logical “0”
0.8
0.8
V
Input Voltage
Minimum VIH, Logical “1”
2.0
2.0
V
Input Voltage
Maximum Leakage Current
L Sh Pin at
2.0
2.0
µA
at CLK R Pin
Mid- Supply
SCHMITT TRIGGER
VT+, Positive Going
Min
V
+ = 10V
7.0
6.1
6.1
V
Threshold Voltage
Max
8.9
8.9
Min
V
+ = 5V
3.5
3.1
3.1
V
Max
4.4
4.4
VT−, Negative Going
Min
V
+ = 10V
3.0
1.3
1.3
V
Threshold Voltage
Max
3.8
3.8
Min
V
+ = 5V
1.5
0.6
0.6
V
Max
1.9
1.9
Hysteresis (VT+ −VT−)
Min
V
+ = 10V
4.0
2.3
2.3
V
Max
7.6
7.6
Min
V
+ = 5V
2.0
1.2
1.2
V
Max
3.8
3.8
Minimum Logical “1” Output
Io = −10µA
V
+ = 10V
9.0
9.0
V
Voltage (Pin 11)
V
+ = 5V
4.5
4.5
Maximum Logical “0” Output
Io = 10µA
V
+ = 10V
1.0
1.0
V
Voltage (Pin 11)
V
+ = 5V
0.5
0.5
Minimum Output Source
CLK R Tied
V
+ = 10V
6.0
3.0
3.0
mA
Current (Pin 11)
to Ground
V
+ = 5V
1.5
0.75
0.75
Maximum Output Sink
CLK R Tied
V
+ = 10V
5.0
2.5
2.5
mA
Current (Pin 11)
to V
+
V
+ = 5V
1.3
0.65
0.65
Note 1: The cutoff frequency of the filter is defined as the frequency where the magnitude response is 3.01 dB less than the DC gain of the filter.
Note 2: For ±5V supplies the dynamic range is referenced to 2.82 Vrms (4V peak) where the wideband noise over a 20 kHz bandwidth is typically 200 µVrms for
the MF6-50 and 250 µVrms for the MF6-100. For ±2.5V supplies the dynamic range is referenced to 1.06 Vrms (1.5V peak) where the wideband noise over a 20 kHz
bandwidth is typically 140 µVrms for both the MF6-50 and the MF6-100.
Note 3: The specifications for the MF6 have been given for a clock frequency (fCLK) of 250 kHz and less. Above this clock frequency the cutoff frequency begins to
deviate from the specified error band of ±1.0% but the filter still maintains its magnitude characteristics. See Application Hints, Section 1.5.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com