Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF6 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button MF6 Datasheet HTML 12Page - National Semiconductor (TI) MF6 Datasheet HTML 13Page - National Semiconductor (TI) MF6 Datasheet HTML 14Page - National Semiconductor (TI) MF6 Datasheet HTML 15Page - National Semiconductor (TI) MF6 Datasheet HTML 16Page - National Semiconductor (TI) MF6 Datasheet HTML 17Page - National Semiconductor (TI) MF6 Datasheet HTML 18Page - National Semiconductor (TI) MF6 Datasheet HTML 19Page - National Semiconductor (TI) MF6 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
2.0 Designing with the MF6 (Continued)
2.5 ALIASING CONSIDERATIONS
Aliasing effects have to be taken into consideration when in-
put signal frequencies exceed half the sampling rate. For the
MF6 this equals half the clock frequency (f
CLK). When the in-
put signal contains a component at a frequency higher than
half the clock frequency, as in
Figure 19a, that component
will be “reflected” about f
CLK/2 into the frequency range be-
low f
CLK/2 as in Figure 19b. If this component is within the
passband of the filter and of large enough amplitude it can
cause problems. Therefore if frequency components in the
input signal exceed f
CLK/2 they must be attenuated before
being applied to the MF6 input. The necessary amount of at-
tenuation will vary depending on system requirements. In
critical applications the signal components above f
CLK/2 will
have to be attenuated at least to the filter’s residual noise
level. An example circuit is shown in
Figure 20 using one of
the uncommitted Op-Amps available in the MF6.
DS005065-30
fIN = 1.5 kHz (scope time base = 2 ms/div)
FIGURE 17. MF6-50 Abrupt Clock Frequency Change
DS005065-31
FIGURE 18. MF6-50 Step Input Response, Vertical =
2V/div., Horizontal = 1 ms/div., f
CLK = 100 kHz
DS005065-37
(a) Input Signal Spectrum
DS005065-38
(b) Output Signal Spectrum. Note that the input signal
at f
s/2 + f causes an output signal to appear at fs/2−f.
FIGURE 19. The phenomenon of aliasing in sampled-data systems. An input signal whose frequecy is greater than
one-half the sampling frequency will cause an output to appear at a frequency lower than one-half the sampling
frequency. In the MF6, f
sfCLK.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com