Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 22Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 23Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 24Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 25Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 26Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 27Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 28Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 29Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
20 Software (Continued)
TABLE 2-1 DTMF Detector Performance
PLAY
RECORDIDLE
Detection Sensitivity (Note A)
Performance Depends on Message
b
40 dBm
Being Played (Note B)
Accepted DTMF Length
l
50 ms
l
40 ms
Frequency Tolerance
g
15%
g
15%
SN Ratio
12 dB
12 dB
Minimum Spacing (Note C)
l
50 ms
l
45 ms
Normal Twist
8 dB
8 dB
Reverse Twist (Note D)
4 dB or 8 dB
4 dB or 8 dB
Note A
Performance depends on the DAA design
Note B
Performance with echo canceler is 10 dB better than without echo canceler For a silent message Detection Sensivitiy is
b
34 dBm with echo canceler
Note C
If the interval between two consecutive DTMF tones is s 20 ms the two are detected as one long DTMF tone
If the interval between two consecutive DTMF tones is between 20 ms and 45 ms separate detection is unpredictable
Note D
Determined by the DTMF
REV
TWIST tunable parameter value
OTHER DETECTORS
Detection of busy and dial tones and no-energy is con-
trolled by tunable parameters You should tune these pa-
rameters to fit your hardware For more information see the
TUNE command in Section 214
Dial and busy tone detectors work with a band-pass filter
that llmits the frequency range in which tones can be de-
tected to 0 Hz – 1100 Hz Its frequency response is illustrat-
ed in
Figure 2-1 and the busy tone cadences in Figure 2-2
TONE GENERATION
The CompactSPEECH can generate DTMF tones and sin-
gle-frequency tones from 300 Hz to 3000 Hz in increments
of 100 Hz CompactSPEECH tone generation conforms to
the EIA-470-RS standard Note however that you may
have to change the value of some tunable parameters in
order to meet the standard specifications since the energy
level of generated tones depends on the analog circuits be-
ing used
 Tune the DTMF TWIST LEVEL parameter to control
the twist level of the generated DTMF tones
 Use the VC command
and
tune
the
TONE
GENERATION
LEVEL parameter to control the energy
level at which these tones are generated
 Use the GT command to specify the DTMF tones and
the frequency at which single tones are generated
TLEE12584 – 27
FIGURE 2-1 Busy and Dial-Tone Band-Pass Filter Frequency Response
TLEE12584 – 28
E1 b E3 k 90 ms
S1 b S3 k 90 ms
90 k Ei k 1650 ms
65 k Si k 1250 ms
FIGURE 2-2 Busy-Tone DetectorCadence Specification
http
www nationalcom
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com