Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 37Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 38Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 39Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 40Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 41Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 42Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 43Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 44Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
20 Software (Continued)
SF
Skip Forward
time
length
Skips forward in the current message
time
length units
each of 02s duration and causes message playback to
pause
time
length is a 2-byte parameter that can have
any value up to 320 ie 64s The skip accuracy is 5% This
command is meaningful only in the PLAY state The RES
command must be issued to continue playback
If the end of the message is detected during execution of
SF execution of the command is terminated the EV
NORMAL
END bit in the status register is set
the
MWRQST signal is activated and the CompactSPEECH
switches to the IDLE state
If
time
length is greater than 320 ERR
PARAM is set in
the error word
Playback speed does not affect the behavior of this com-
mand
Example
SF 19
Byte sequence
Microcontroller
22 00 19
CompactSPEECH 22 00 19
Description
Skip forward five seconds from the
current position in the message being
played
SMT
Set Message Tag
message
tag
Sets the tag of the current message The 2-byte
message
tag can be used to implement mailbox functions by including
the mailbox number in the tag or to handle old and new
messages differently by using one bit in the tag to mark the
message as old or new See Section 261
To change the tag of a message we recommend that you
read the message tag modify it and write it back
Note 1
Message tag bits can only be cleared Message tag bits are set only
when a message is first created
Note 2
If the current message is undefined ERR
INVALID is reported
Note 3
Bit 15 of the message tag is used to select the voice compression
algorithm and should not be modified after recording
Example
SMT FF F7
Byte sequence
Microcontroller
05 FF F7
CompactSPEECH 05 FF F7
Description
Mark the current message as old in a
system where the message tag is
encoded as described in the example of
the DMS command
Note that the CompactSPEECH ignores
bits in the tag which are set to 1 only bit
3 is modified in the message tag
SO
Say One Word
word
number
Plays the word number
word
number in the current vocab-
ulary The 1-byte
word
number may be any value from 0
through the index of the last word in the vocabulary
When playback of the selected word has been completed
the CompactSPEECH sets the EV
NORMAL
END bit in
the status word and activates the MWRQST signal
If
word
number is not defined in the current vocabulary or
if it is an IVS control or option code ERR
PARAM is set in
the error word
If the current vocabulary is undefined ERR
INVALID is re-
ported
Example
SO 00
Byte sequence
Microcontroller
07 00
CompactSPEECH 07 00
Description
Announce the first word in the word table
of the currently selected vocabulary
SPS
Set Playback Speed
speed
Sets the speed of message playback as specified by
speed
The new speed applies to all recorded messages and syn-
thesized messages (only if synthesized using external voice
synthesis) until changed by another SPS command If this
command is issued while the CompactSPEECH is in the
PLAY
state the speed also changes for the message cur-
rently being played
speed may be one of 13 values from b6to a6 A value of
0 represents normal speed
Note that a negative
speed value represents an increase in
speed a positive value represents a decrease in speed
The change in speed is approximate and depends on the
recorded data
If
speed is not in the b6to a6 range ERR
PARAM is set
in the error word
Example
SPS FB
Byte sequence
Microcontroller
16 FB
CompactSPEECH 16 FB
Description
Set playback speed to b5
SS
Say Sentence
sentence
n
Say sentence number
sentence
n of the currently selected
vocabulary
sentence
n is 1-byte long
If the sentence has an argument 0 is passed as the value
for this argument
When playing has been completed the CompactSPEECH
sets the EV
NORMAL
END bit in the status word and
activates the MWRQST signal
If
sentence
n is not defined in the current vocabulary
ERR
PARAM is set in the error word
If the current vocabulary is undefined ERR
INVALID is re-
ported
Example
SS 00
Byte sequence
Microcontroller
1F 00
CompactSPEECH 1F 00
Description
Announce the first sentence in the
sentence table of the currently selected
vocabulary
http
www nationalcom
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com