Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 28Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 29Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 30Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 31Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 32Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 33Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 34Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 35Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
20 Software (Continued)
TLEE12584 – 30
FIGURE 2-6 Master MICROWIRE Data Transfer
214 COMMAND DESCRIPTION
The commands are listed in alphabetical order
The execution time for all commands when specified in-
cludes the time required for the microcontroller to retrieve
the return value where appropriate
The execution time does not include the protocol timing
overhead ie the execution times are measured from the
moment that the command is detected as valid until the
command is fully executed
Note
Each command description includes an example application of the
command The examples show the opcode issued by the microcon-
troller and the response returned by the CompactSPEECH For com-
mands which require a return value from the CompactSPEECH the
start of the return value is indicated by a thick vertical line
CCIO
Configure Codec IO
config-value
Configures the voice samples paths in various states It
should be used to change the default CompactSPEECH
configuration The
config-value
parameter is encoded as
follows
Bit 0
Loopback control
0 Loopback disable (default)
1 Loopback enabled During RECORD state
the input samples are echoed back un-
changed (ie
no volume control) to the co-
dec
Bits 1 – 7
Reserved
Example
CCIO 3401
Byte sequence
Microcontroller
34 01
CompactSPEECH 34 01
Description
Enable Loopback
CFG
Configure CompactSPEECH
config
value
Configures the CompactSPEECH in various hardware envi-
ronments It should be used to change the default Compact-
SPEECH configuration
The
config
value parameter is encoded as follows
Bit 0
Codec configuration
0 short-frame format (default)
1 long-frame format (Guaranteed by design
but not tested)
Bit 1
Reserved
Bit 2
Echo cancellation control
0 Echo cancellation off (default)
1 Echo cancellation is on during playback
Echo cancellation improves the performance of
DTMF detection during playback Echo cancel-
lation can be turned on only with a system that
can disable AGC during playback A system
with AGC that cannot be controlled (ie
en-
ableddisabled) by the microcontroller must not
turn on this bit
Bit 3
Reservedmust be cleared to 0
Bits 4 – 5
Reservedmust be set to 10
Bits 6 – 7
Reservedmust be cleared to 00
Bits 8 – 10
Number of installed flash devices
Valid range 1
4 flash devices
Default is 1
Bits 11 – 15
ReservedMust be cleared to 0
Note
The CompactSPEECH automatically detects the type of flash device
in use ie NM29A040 or NM29A080
Example
CFG 0324
Byte sequence
Microcontroller
01 03 24
CompactSPEECH 01 03 24
Description
Configure the CompactSPEECH to work
with
Codec that supports short-frame format
Three NM29A040 flash devices
Echo cancellation on
CMT
Cut Message Tail
time
length
Cut
time
length units each of 10 ms duration off the end
of the current message The maximum value of
time
length is 6550 Cut-time accuracy is g014 sec
Note
If
time
length is longer than the total duration of the message the
EV
NORMAL
END event is set in the status word and the mes-
sage becomes empty (ie message length is 0) but is not deleted
Use the DM (Delete Message) or DMS (Delete Messages) command
to delete the message
Example
CMT 02BC
Byte sequence
Microcontroller
26 02 BC
CompactSPEECH 26 02 BC
Description
Cut the last seven seconds of the current
message
http
www nationalcom
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com