Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 36Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 37Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 38Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 39Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 40Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 41Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 42Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 43Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
20 Software (Continued)
Example
S
Byte sequence
Microcontroller
00
CompactSPEECH 00
Description
Stop current activity (eg playback
recording) and put the CompactSPEECH
in IDLE state
SAS
Say Argumented Sentence
sentence
n arg
Announces sentence number
sentence
n of the currently
selected vocabulary and passes
arg to it sentence
n and
arg are each 1-byte long
When playing is complete the CompactSPEECH sets the
EV
NORMAL
END bit in the status word and activates
the MWRQST signal
If the current vocabulary is undetermined ERR
INVALID is
reported
Example
SAS 00 03
Byte sequence
Microcontroller
1E 00 03
CompactSPEECH 1E 00 03
Description
Announce the first sentence in the
sentence table of the currently selected
vocabulary with ‘‘3’’ as the actual
parameter
SB
Skip Backward
time
length
Skips backward in the current message
time
length units
each of 02s duration and causes message playback to
pause
time
length is a 2-byte parameter that can have
any value up to 320 ie 64s The skip accuracy is 5% This
command is meaningful only in the PLAY state The RES
command must be issued to continue playback
If the beginning of the message is detected during execu-
tion of the SB command execution is terminated the EV
NORMAL
END bit in the status register is set
the
MWRQST signal is activated and the CompactSPEECH
switches to the IDLE state
If
time
length is greater than 320 ERR
PARAM is set in
the error word
Playback speed does not affect the behavior of this com-
mand
Example
SB 19
Byte sequence
Microcontroller
23 00 19
CompactSPEECH 23 00 19
Description
Skip back five seconds from the current
position in the message being played
SDET
Set Detectors Mask
detectors
mask
Controls the reporting of detection for tones and VOX ac-
cording to the value of the
detectors
mask parameter A
bit set to 1 in the mask enables the reporting of the corre-
sponding detector A bit cleared to 0 disables the reporting
Disabling reporting of a detector does not stop or reset the
detector
The 1-byte
detectors
mask is encoded as follows
Bit 0
Report detection of a busy tone
Bit 1
Report detection of a dial tone
Bits 2 – 4
Reserved Must be cleared to 0
Bit 5
Report detection of no energy (VOX) on the line
(The VOX attributes are specified with the tunable
parameters VOX
TIME
COUNT and VOX
ENERGY
LEVEL)
Bit 6
Report the ending of a detected DTMF
Bit 7
Report the start of a detected DTMF (up to 40 ms
after detection start)
Example
SDET A3
Byte sequence
Microcontroller
10 A3
CompactSPEECH 10 A3
Description
Set reporting of all CompactSPEECH
detectors except for end-of-DTMF
SE
Skip to End of Message
This command is valid only in the PLAY state When in-
voked playback is suspended (as for the PA command)
and a jump to the end of the message is performed Play-
back remains suspended after the jump
Example
SE
Byte sequence
Microcontroller
24
CompactSPEECH 24
Description
Skip to end of current message
SETD
Set Time and Day
time
and
day
Sets the system time and day as specified by bits 0 – 13 in
the 2-byte
time
and
day parameter The time
and
day
parameter is encoded as follows
Bits 0 – 2
Day of the week (1 through 7)
Bits 3 – 7
Hour of the day (0 through 23)
Bits 8 – 13
Minute of the hour (0 through 59)
Bits 14 – 15
These bits must be set to 1
If
time
and
day value is not valid ERR
PARAM is set in the error word
Example
SETD 0E09
Byte sequence
Microcontroller
0F 0E 09
CompactSPEECH 0F 0E 09
Description
Set time and day to Monday 130 AM
http
www nationalcom
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com