Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 35Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 36Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 37Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 38Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 39Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 40Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 41Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 42Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
20 Software (Continued)
Example
P
Byte sequence
Microcontroller
03
CompactSPEECH 03
Description
Play the current message
PA
Pause
Suspends the execution of the current R P GT SO SW
SS or SAS command The PA command does not change
the state of the CompactSPEECH execution can be re-
sumed with the RES command
Note
DTMF and tone detectors remain active during Pause
Example
PA
Byte sequence
Microcontroller
1C
CompactSPEECH 1C
Description
Suspend playback of current message
PDM
Go To Power-down Mode
Switches the CompactSPEECH to power-down mode (see
Section 133 for details) Sending any command while in
power-down mode resets the CompactSPEECH detectors
and returns the CompactSPEECH to normal operation
mode
Example
PDM
Byte sequence
Microcontroller
1A
CompactSPEECH 1A
Description
Put the CompactSPEECH in power-down
mode
R
Record
tag
Records a new message with message tag
tag
The
CompactSPEECH state changes to RECORD The R com-
mand continues execution until stopped by the S command
Recording can be paused with the PA command and can
be resumed later with the RES command
If
the
memory
becomes
full
recording
stops
and
EV
MEMFULL is set in the status word
Note
A time-and-day stamp is automatically attached to each message
Before using the R command for the first time use the SETD com-
mand Failure to do so results in undefined values for the time-and-
day stamp
Example
R 000E
Byte sequence
Microcontroller
0C 00 0E
CompactSPEECH 0C 00 0E
Description
Record a new ICM in mailbox Number 6
in a system where the message tag is
encoded as described in the example of
the DMS command
RDET
Reset Detectors
detectors
reset
mask
Resets the CompactSPEECH tone and energy detectors
according to the value of the
detectors
reset
mask pa-
rameter A bit set to 1 in the mask resets the corresponding
detector A bit cleared to 0 is ignored
The 1-byte
detectors
reset
mask is encoded as follows
Bit 0
Reset the busy and dial tone detectors
Bits 1 – 4
Reserved Must be cleared to 0
Bit 5
Reset the no energy (VOX) detector
Bit 6
Reset the DTMF detector
Bit 7
Reserved Must be cleared to 0
Example
RDET 20
Byte sequence
Microcontroller
2C 20
CompactSPEECH 2C 20
Description
Reset the VOX detector
RES
Resume
Resumes the activity that was suspended by the PA SF or
SB commands
Example
RES
Byte sequence
Microcontroller
1D
CompactSPEECH 1D
Description
Resume playback which was suspended
by either the PA SF or SB command
RRAM
Read Memory
Returns 32 bytes from the current message The first RRAM
command returns the first 32 bytes of the current message
Subsequent RRAM commands return the next following
32 bytes from the message until the end of the message
The command sequence can be stopped by the S com-
mand
Note 1
Trying to read beyond the end of the message sets the EV
NOR-
MAL
END event and the CompactSPEECH switches to the IDLE
state In this case the return value is undefined and should be ig-
nored
Note 2
When using WRAM and RRAM to write and read messages of arbi-
trary length the microcontroller is responsible for marking the actual
end of the message (eg with a delimiter string)
The next RRAM command after the end of the message is reached
starts again from the beginning of the current message
Note 3
If the current message is undefined ERR
INVALID is reported
Example
RMEM
Data
Byte sequence
Microcontroller
18 AA AA
CompactSPEECH 18
32 bytes of data
Description
Read 32 bytes from the
current message memory
S
Stop
Stops execution of the current command and switches the
CompactSpeech to the IDLE state S may be used to stop
the execution of WRAM RRAM and all asynchronous com-
mands
http
www nationalcom
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com