Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 23Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 24Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 25Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 26Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 27Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 28Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 29Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 30Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
20 Software (Continued)
29 SPEECH SYNTHESIS
Speech synthesis is the technology that is used to create
messages out of predefined words and phrases stored in a
vocabulary
There are two kinds of predefined messages fixed mes-
sages (eg voice menus in a voice-mail system) and pro-
grammable messages (eg time and day stamp or the
You
have n messages announcement in a DAM)
A vocabulary includes a set of predefined words and phras-
es needed to synthesize messages in any language Appli-
cations which support more than one language require a
separate vocabulary for each language
291 International Vocabulary Support (IVS)
IVS is a mechanism by which the CompactSPEECH proces-
sor can use several vocabularies stored on an external stor-
age device IVS enables CompactSPEECH to synthesize
messages with the same meaning but in different lan-
guages from separate vocabularies
Among IVS features
 Multiple vocabularies are stored on a single storage de-
vice
 Plug-and-play The same microcontroller code is used for
all languages
 Synthesized and recorded messages use the same voice
compression algorithm to achieve equal quality
 Argumented sentences (For example You have kn l
messages )
 Auto-synthesized time-and-day stamp (driven by the
CompactSPEECH’s clock)
 Support for various language and sentence structures
One versus many (for example
You have one
message vs You have two messages)
None versus many (for example
You have no mes-
sages vs You have two messages)
Number synthesis (English –
Eighty vs
French –
Quatre-vingt )
Word order (English –
Twenty one vs German –Ein-
undzwanzig )
Days of the week (Monday through Sunday vs
Sunday through Saturday)
292 Vocabulary Design
There are several issues sometimes conflicting which must
be addressed when designing a vocabulary
Vocabulary
If memory space is not an issue the vocabu-
content
lary could contain all the required sentences
each recorded separately
If memory space is a concern the vocabulary
must be compact it should contain the mini-
mum set of words and phrases required to
synthesize all the sentences The least mem-
ory is used when phrases and words that are
common to more than one sentence are re-
corded only once and the IVS tool is used to
synthesize sentences out of them
A good combination of sentence quality and
memory space is achieved if you take the
‘‘compact’’ approach and extend it to solve
pronunciation problems
For example
the
word
twenty is pronounced differently when
used in the sentences
You have twenty mes-
sages and You have twenty two messages
To solve this problem words that are pro-
nounced differently should be recorded more
than once each in the correct pronunciation
Vocabulary
When recording vocabulary words there is a
recording
compromise between space and quality On
one hand the words should be recorded and
saved in a compressed form and you would
like to use the best voice compression for that
purpose On the other hand the higher the
compression rate the worse the voice quality
Another issue to consider is the difference in
voice quality between synthesized and re-
corded messages (eg
between time-and-
day stamp and incoming messages (ICMs) in
a DAM environment) It is more pleasant to
the human ear to hear them both in the same
quality
Vocabulary
Sometimes compactness and high quality are
access
not enough There should be a simple and
flexible interface to access the vocabulary el-
ements Not only the vocabulary but also the
code to access it should be compact
When designing for a multi-lingual environ-
ment there are more issues to consider
Each vocabulary should be able to handle
language-specific structures and designed in
a cooperative way with the other vocabularies
so that the code to access each vocabulary is
the same When you use the command to
synthesize the sentence
Monday 1230 PM
you should not care in what language it is go-
ing to be played back
293 IVS Vocabulary Components
This section describes the basic concept of an IVS vocabu-
lary its components and the relationships between them
The basic
An IVS vocabulary consists of words sen-
concepts
tences and special codes that control the
behavior of the algorithm which Compact-
SPEECH uses to synthesize sentences
The word
The words are the basic units in the vocab-
table
ulary You create synthesized sentences
by combining words in the vocabulary
Each word in the vocabulary is given an
index which identifies it in the word table
Note that
depending on the language
structures and sentences that you wish to
synthesize you may need to record some
words more than once in the vocabulary
For example if you synthesize the sen-
tences
you have twenty messages and
you have twenty five messages the word
twenty is pronounced differently
They
should therefore be defined as two differ-
ent words
The number
The number tables allow you to treat num-
tables
bers differently depending on the context
Example 1 The number 1 can be an-
nounced as
one as in mes-
sage number one or as first as
in
first message
http
www nationalcom
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com