Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 7Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 8Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 9Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 10Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 11Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 12Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 13Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 14Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
10 Hardware (Continued)
14 SPECIFICATIONS
141 Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Temperature under Bias
0 Cto a70 C
All Input or Output Voltages
with Respect to GND
b
05V to a65V
Note
Absolute maximum ratings indicate limits beyond which permanent
damage may occur Continuous operation at these limits is not intend-
ed operation should be limited to those conditions specified below
142 Electrical Characteristics
TA e 0 Cto a70 C VCC e 5V g10% GND e 0V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
TTL Input
20
VCC a
V
Logical 1 Input Voltage
05
VIL
TTL Input Logical 0 Input Voltage
b
05
08
V
VXH
CLKIN Input High Voltage
External Clock
20
V
VXL
CLKIN Input Low Voltage
External Clock
08
V
VENVh
ENV0 High Level Input Voltage
36
V
VHh
CMOS Input with Hysteresis
36
V
Logical 1 Input Voltage
VHI
CMOS Input with Hysteresis
11
V
Logical 0 Input Voltage
VHys
Hysteresis Loop Width (Note A)
05
V
VOH
Logical 1 TTL Output Voltage
IOH eb04 mA
24
V
VOHWC
MMCLK MMDOUT and EMCS
IOH eb04 mA
24
V
Logical 1 Output Voltage
IOH eb50 mA (Note B)
VCC b 02
V
VOL
Logical 0 TTL Output Voltage
IOL e 4 mA
045
V
IOL e 50 mA (Note B)
02
V
VOLWC
MMCLK MMDOUT and EMCS
IOL e 40 mA
045
V
Logical 0 Output Voltage
IOL e 50 mA (Note B)
02
V
IL
Input Load Current (Note C)
0V s VIN s VCC
b
50
50
m
A
IO (Off)
Output Leakage Current
0V s VOUT s VCC
b
50
50
m
A
(IO Pins in Input Mode) (Note C)
ICC1
Active Supply Current
Normal Operation Mode
65
80
mA
Running Speech Applications (Note D)
ICC2
Standby Supply Current
Normal Operation Mode
40
mA
DSPM Idle (Note D)
ICC3
Power-Down Mode
Power-Down Mode
15
mA
Supply Current
(Notes D and E)
CX
X1 and X2 Capacitance (Note A)
17
pF
Note A
Guaranteed by design
Note B
Measured in power-down mode The total current driven or sourced by all the CompactSPEECH’s output signals is k 50 mA
Note C
Maximum 20 mA for all pins together
Note D
IOUT e 0 TA e 25 C VCC e 5V operating from a 4096 MHz crystal and running from internal memory with Expansion Memory disabled
Note E
All input signals are tied to 1 or 0 (above VCC b 05 or below VSS a05V)
http
www nationalcom
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com