Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 8Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 9Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 10Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 11Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 12Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 13Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 14Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 15Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
10 Hardware (Continued)
143 Switching Characteristics
Definitions
All timing specifications in this section refer to 08V or 20V
on the rising or falling edges of the signals as illustrated in
Figures 1-8 through 1-14 unless specifically stated other-
wise
Maximum times assume capacitive loading of 50 pF
CLKIN crystal frequency is 4096 MHz
Note
CTTL is an internal signal and is used as a reference to explain the
timing of other signals See
Figure 1-22
TLEE12584 – 10
Signal valid active or inactive time after a rising edge of CTTL or MWCLK
FIGURE 1-8 Synchronous Output Signals (Valid Active and Inactive)
TLEE12584 – 11
Signal valid time after a falling edge of MWCLK
FIGURE 1-9 Synchronous Output Signals (Valid)
TLEE12584 – 12
Signal hold time after a rising edge of CTTL
FIGURE 1-10 Synchronous Output Signals (Hold)
http
www nationalcom
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com