Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 29Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 30Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 31Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 32Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 33Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 34Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 35Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 36Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
20 Software (Continued)
CVOC
Check Vocabulary
Checks (checksum) if the IVS data was correctly pro-
grammed to the ROM or flash device
If the vocabulary data is correct the return value is 1 Other-
wise the return value is 0
If the current vocabulary is undefined ERR
INVALID is re-
ported
Example
CVOC
Byte sequence
Microcontroller
2B AA
CompactSPEECH 2B 01
Description
Check the current vocabulary
The CompactSPEECH responds that the
vocabulary is OK
DM
Delete Message
Deletes the current message Deleting a message clears its
message tag
Deleting the current message does not cause a different
message to become current The current message is unde-
fined If for example you issue the GTM command to skip
to the next message the first message that is newer than
the just deleted message is selected as the current mes-
sage
The memory space released by the deleted message is im-
mediately available for recording new messages
Example
DM
Byte sequence
Microcontroller
0A
CompactSPEECH 0A
Description
Delete current message
DMS
Delete Messages
tag
ref tag
mask
Deletes all messages whose message tags match the
tag
ref parameter Only bits set in tag
mask are compared ie
a match is considered successful if
message tag and
tag
task e tag
ref and tag
mask
where and is a bitwise AND operation
After the command completes execution the current mes-
sage is undefined Use the GTM command to select a mes-
sage to be the current message
The memory space released by the deleted message is im-
mediately available for recording new messages
Example
DMS FFC2 003F
Byte sequence
Microcontroller
0B FF C2 00 3F
CompactSPEECH 0B FF C2 00 3F
Description
Delete all old incoming messages from
mailbox Number 2 in a system where the
message tag is encoded as follows
Bits 0 – 2 mailbox ID
8 mailboxes indexed 0 to 7
Bit 3 newold message indicator
0 Message is old
1 Message is new
Bits 4 – 5 message type
00 ICMmemo
01 OGM
10 Call transfer message
Bits 6 – 15 not used
Note
The description of the tag is an example
only All bits of the tag are user-definable
GCFG
Get Configuration Value
Returns a sequence of two bytes with the following informa-
tion
Bits 0 – 7
Magic number
which specifies the Compact-
SPEECH firmware version
Bits 8 – 9
Memory type
00 Reserved
01 Reserved
10 Serial Flash
11 Reserved
The command should be used together with the CFG and
INIT commands during CompactSPEECH initialization See
the CFG command for more details and an example of a
typical initialization sequence
Example
GCFG
Byte sequence
Microcontroller
02 AA AA
CompactSPEECH 02 02 01
Description
Get the CompactSPEECH magic number
The CompactSPEECH responds that it is
Version 1 with Serial Flash
http
www nationalcom
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com