Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 33Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 34Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 35Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 36Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 37Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 38Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 39Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 40Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
20 Software (Continued)
Bits 5 – 7
0
To generate a single-frequency tone encode
the bits as follows
Bit 0
0
Bits 1 – 5
3–30
The value in bits 1 – 5 is multiplied by 100 to
generate
the
required
frequency
(300 Hz – 3000 Hz)
Bits 6 7
0
The CompactSPEECH does not check for the
validity of the tone specification Invalid specifi-
cation yields unpredictable results
Example
GT 0D20
Byte sequence
Microcontroller
0D 20
CompactSPEECH 0D 20
Description
Generate a single-frequency 1600 Hz
tone
GTD
Get Time and Day
time
day
option
Returns the time and day as a 2-byte value
time
day
option may be one of the following
0 Get the system time and day
1 Get the current message time-and-day stamp
Any other
time
day
option returns the time-and-day
stamp of the current message
Time of day is encoded as follows
Bits 0 – 2
Day of the week (1 through 7)
Bits 3 – 7
Hour of the day (0 through 23)
Bits 8 – 13
Minute of the hour (0 through 59)
Bits 14 – 15
00 The time was not set before the current
message was recorded
11 The time was set ie the SETD (Set Time
of Day) command was executed
Note
If the current message is undefined and
time
day
option is 1 an
ERR
INVALID error is reported
Example
GTD 1
Byte sequence
Microcontroller
0E 01 AA AA
CompactSPEECH 0E 01 E8 29
Description
Get the current message time-and-day
stamp
The CompactSPEECH responds that the
message was created on the first day of
the week at 540 AM The return value
also indicates that the SETD command
was used to set the system time and day
before the message was recorded
Note
If the SAS command is used to announce the
time-and-day stamp ‘‘Monday’’ is announced
as the first day of the week For an external
vocabulary the announcement depends on
the vocabulary definition
(See the
IVS User’s Manual for more
details)
GTM
Get Tagged Message
tag
ref tag
mask dir
Selects the current message according to instructions in
dir to be the first nth next or nth previous message which
complies with the equation
message tag
and tag
mask e tag
ref and tag
mask
where
and is a bitwise AND operation
dir is one of the following
0
Selects the first (oldest) message
128 Selects the last (newest) message
n
Selects the nth next message starting from the cur-
rent message
-n
Selects the nth previous message starting from the
current message
Note
To select the nth message with a given tag to be the current mes-
sage you must first select the first message that complies with the
above equation and then issue another GTM command with n b 1
as a parameter to skip to the nth message
If a message is found it becomes the current message and 1
(TRUE) is returned If no message is found the current message
remains unchanged and 0 (FALSE) is returned
If
dir is not 0 and the current message is undefined the return
value is unpredictable After the command execution the current
message may either remain undefined or change to any existing
message The only exception is when the GTM command is exe-
cuted just after the DM command (See the DM command descrip-
tion for further detail)
To access the nth message when n l 127 a sequence of GTM
commands is required
http
www nationalcom
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com