Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM266SAA/V Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM266SAA/V
Description  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 39Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 40Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 41Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 42Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 43Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 44Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 45Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 46Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
20 Software (Continued)
TABLE 2-2 Tunable Parameters
Index
Parameter Name
Description
Default
0 – 3
Reserved
4
SIL
THRESHOLD
Prevents speech from being interpreted as silence The silence detection
11264
algorithm has an adaptive threshold which is changed according to the noise
level This parameter is therefore only the initial threshold level
Legal values 9216 to 13824 in 512 (6 dB) steps
5
SIL
THRESHOLD
STEP
Defines the adaptive threshold changes step
12
If this threshold is too low the threshold converges too slowly If it is too high
silence detection is too sensitive to any noise
Legal values 3 to 48
6
SIL
BURST
THRESHOLD
The minimum time period for speech detection during silence As this
2
threshold increases the time period interpreted as silence increases
If this threshold is too low a burst of noise is detected as speech If it is too
high words may be partially cut off
Legal values 1 to 3
7
SIL
HANG
THRESHOLD
The minimum time period for silence detection during speech As this
15
threshold increases the time period interpreted as silence decreases
If this threshold is too low words may be partially cut off If it is too high
silence is detected
Legal values 8 to 31
8
SIL
ENABLE
Silence compression control
1
0 turns silence compression off
9
ENERGY
FACTOR
Determines the energy level used to synthesize silence For the default value
8192
the energy levels of the synthesized silence and the recorded silence are the
same If you divide (multiply) the default value by two the synthesized silence
is 6 dB less (more) than the level of the recorded silence
Legal values 1024 to 16384
10
VOX
ENERGY
THRESHOLD
This constant determines the minimum energy level at which voice is
12
detected Below this level it is interpreted as silence If you divide (multiply)
the value by 2 you get 3 dB decrease (increase) in the threshold
Legal values 0 to 65535
11
Reserved
12
VOX
TIME
COUNT
This constant in units of 10 ms determines the period of silence before the
700
CompactSPEECH reports silence The accuracy of the constant is g10 ms
Legal values 0 to 65535
13 – 15
Reserved
http
www nationalcom
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com