Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 137Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 138Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 139Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 140Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 141Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 142Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 143Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 144Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
141
www.national.com
TABLE 6-3. Non-Extended Mode Interrupt Priorities
Event Identification Register (EIR), Extended Mode
In Extended mode, each of the previously prioritized and
encoded interrupt sources is broken down into individual
bits. Each bit in this register acts as an interrupt pending
flag, and is set to 1 when the corresponding event occurred
or is pending, regardless of the IER register bit setting.
Bit 0 - Receiver High-Data-Level Event (RXHDL_EV)
When FIFOs are disabled, this bit is set to 1 when a
character is in the Receiver Holding Register.
When FIFOs are enabled, this bit is set to 1 when the
RX_FIFO is above threshold or an RX_FIFO time-out
has occurred.
Bit 1 - Transmitter Low-Data-Level Event (TXLDL_EV)
When FIFOs are disabled, this bit is set to 1 when the
Transmitter Holding Register is empty.
When FIFOs are enabled, this bit is set to 1 when the
TX_FIFO is below the threshold level.
Bit 2 - Line Status Event (LS_EV) or Transmitter Halted
Event (TXHLT_EV)
This bit is set to 1 when a receiver error or break condi-
tion is reported.
When FIFOs are enabled, the Parity Error(PE), Frame
Error(FE) and Break(BRK) conditions are only reported
when the associated character reaches the bottom of
the RX_FIFO. An Overrun Error (OE) is reported as
soon as it occurs.
Bit 3 - Modem Status Event (MS_EV)
In UART mode this bit is set to 1 when any of the 0 to 3
bits in the MSR register is set to 1.
Bit 4 - Reserved
Read/Write 0.
Bit 5 - Transmitter Empty (TXEMP_EV)
This bit is the same as bit 6 of the LSR register. It is set
to 1 when the transmitter is empty.
Bits 7,6 - Reserved
Read/Write 0.
EIR Bits
3 2 1 0
Interrupt Set and Reset Functions
Priority
Level
Interrupt Type
Interrupt Source
Interrupt Reset Control
0 0 0 1
−
None
None
−
0 1 1 0
Highest
Line Status
Parity error, framing error, data overrun
or break event
Read Line Status Register (LSR).
0 1 0 0
Second
Receiver High
Data Level
Event
Receiver Holding Register (RXD) full, or
RX_FIFO level equal to or above
threshold.
Reading the RXD or, RX_FIFO level
drops below threshold.
1 1 0 0
Second
RX_FIFO Time-
Out
At least one character is in the
RX_FIFO, and no character has been
input to or read from the RX_FIFO for 4
character times.
Reading the RXD port.
0 0 1 0
Third
Transmitter Low
Data Level
Event
Transmitter Holding Register or
TX_FIFO empty.
Reading the EIR Register if this
interrupt is currently the highest
priority pending interrupt, or writing
into the TXD port.
0 0 0 0
Fourth
Modem Status
Any transition on CTS, DSR or DCD or a
low to high transition on RI.
Reading the Modem Status Register
(MSR).
76543210
Reset
Required
1
0
0
0
0
0
0
0
Extended Mode, Read Cycles
Event Identification
Bank 0,
Register (EIR)
Reserved
TXEMP-EV
Reserved
Reserved
RXHDL_EV
TXLDL_EV
MS_EV
LS_EV or TXHLT_EV
Offset 02h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com