Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 138Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 139Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 140Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 141Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 142Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 143Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 144Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 145Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
142
www.national.com
6.5.4
FIFO Control Register (FCR)
The FIFO Control Register (FCR) is write only. It is used to
enable the FIFOs, clear the FIFOs and set the interrupt
thresholds levels for the reception and transmission FIFOs.
Bit 0 - FIFO Enable (FIFO_EN)
When set to 1 enables both the Transmision and Recep-
tion FIFOs. Resetting this bit clears both FIFOs.
Bit 1 - Receiver Soft Reset (RXSR)
Writing a 1 to this bit generates a receiver soft reset,
which clears the RX_FIFO and the receiver logic. This
bit is automatically cleared by the hardware.
Bit 2 - Transmitter Soft Reset (TXSR)
Writing a 1 to this bit generates a transmitter soft reset,
which clears the TX_FIFO and the transmitter logic. This
bit is automatically cleared by the hardware.
Bit 3 - Reserved
Read/Write 0.
Bits 5,4 - TX_FIFO Threshold Level (TXFTH1,0)
In Non-Extended modes, these bits have no effect.
In Extended modes, these bits select the TX_FIFO in-
terrupt threshold level. An interrupt is generated when
the level of the data in the TX_FIFO drops below the en-
coded threshold.
TABLE 6-4. TX_FIFO Level Selection
Bits 7,6 - RX_FIFO Threshold Level (RXFTH1,0)
These bits select the RX_FIFO interrupt threshold level.
An interrupt is generated when the level of the data in
the RX_FIFO is equal to or above the encoded thresh-
old.
TABLE 6-5. RX_FIFO Level Selection
6.5.5
Line Control Register (LCR) and Bank
Selection Register (BSR)
The Line Control Register (LCR) and the Bank Select
Register (BSR) (see the next register) share the same ad-
dress.
The Line Control Register (LCR) selects the communica-
tions format for data transfers.
Upon reset, all bits are set to 0.
Reading the register at this address location returns the
content of the BSR. The content of LCR may be read from
the Shadow of Line Control Register (SH_LCR) register in
bank 3 (See Section 6.8.2 on page 151). During a write op-
eration to this register at this address location, the setting of
bit 7 (Bank Select Enable, BKSE) determines whether LCR
or BSR is to be accessed, as follows:
q
If bit 7 is 0, the write affects both LCR and BSR.
q
If bit 7 is 1, the write affects only BSR, and LCR remains
unchanged. This prevents the communications format
from being spuriously affected when a bank other than
0 or 1 is accessed.
Upon reset, all bits are set to 0.
Line Control Register (LCR)
Bits 1,0 - Character Length Select (WLS1,0)
These bits specify the number of data bits in each trans-
mitted or received serial character. Table 6-6 shows
how to encode these bits.
TABLE 6-6. Word Length Select Encoding
TXFTH (Bits 5,4)
TX_FIF0 Threshold
00(Default)
1
01
3
10
9
11
13
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
FIFO Control
Register (FCR)
Bank 0,
TXSR
TXFTH0
TXFTH1
RXFTH0
RXFTH1
FIFO_EN
RXSR
Reserved
Offset 02h
Write Cycles
RXFTH (Bits 5,4) RX_FIF0 Threshold
00(Default)
1
01
4
10
8
11
14
WLS1
WLS0
Character Length
0
0
5 (Default)
01
6
10
7
11
8
76543210
Reset
Required
0
0
0
0
0
0
0
0
Line Control
All Banks,
Register (LCR)
Offset 03h
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com