Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 142Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 143Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 144Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 145Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 146Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 147Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 148Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 149Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
146
www.national.com
In the reset state, bits 4 through 7 are indeterminate as they
reflect their corresponding input signals.
Note: The modem status lines can be used as general
purpose inputs. They have no effect on the trans-
mitter or receiver operation.
Bit 0 - Delta Clear to Send (DCTS)
Set to 1, when the CTS input signal changes state.
This bit is cleared upon read.
Bit 1 - Delta Data Set Ready (DDSR)
Set to 1, when the DSR input signal changes state.
This bit is cleared upon read
Bit 2 - Trailing Edge Ring Indicate (TERI)
Set to 1, when the RI input signal changes state from
low to high.
This bit is cleared upon read
Bit 3 - Delta Data Carrier Detect (DDCD)
Set to 1, when the DCD input signal changes state.
1: DCD signal state changed.
Bit 4 - Clear To Send (CTS)
This bit returns the inverse of the CTS input signal.
Bit 5 - Data Set Ready (DSR)
This bit returns the inverse of the DSR input signal.
Bit 6 - Ring Indicate (RI)
This bit returns the inverse of the RI input signal.
Bit 7 - Data Carrier Detect (DCD)
This bit returns the inverse of the DCD input signal.
6.5.10
Scratchpad Register (SPR)
This register shares a common address with the ASCR
Register.
In Non-Extended mode, this is a scratch register (as in the
16550) for temporary data storage.
6.5.11
Auxiliary Status and Control Register (ASCR)
This register shares a common address with the previous
one (SCR).
This register is accessed when the Extended mode of op-
eration is selected. The definition of the bits in this case is
dependent upon the mode selected in the MCR register,
bits 7 through 5. This register is cleared upon hardware re-
set Bits 2 and 6 are cleared when the transmitter is “soft re-
set”. Bits 0,1,4 and 5 are cleared when the receiver is “soft
reset”.
Bit 0 - RX_FIFO Time-Out (RXF_TOUT)
This bit is read only and set to 1 when an RX_FIFO tim-
eout occurs. It is cleared when a character is read from
the RX_FIFO.
Bits 7 - 1 -Reserved
Read/Write 0.
6.6
BANK 1 – THE LEGACY BAUD GENERATOR
DIVISOR PORTS
This register bank contains two registers as the Baud Gen-
erator Divisor Port, and a bank select register.
The Legacy Baud Generator Divisor (LBGD) port provides
an alternate path to the Baud Divisor Generator register.
This bank is implemented to maintain compatibility with
16550 standard and to support existing legacy software
packages. In case of using legacy software, the addresses
0 and 1 are shared with the data ports RXD/TXD (see page
138). The selection between them is controlled by the value
of the BKSE bit (LCR bit 7 page 142).
76543210
Reset
Required
0
0
0
0
X
X
X
X
Modem Status
Register (MSR)
Bank 0,
TERI
CTS
DSR
RI
DCD
DCTS
DDSR
DDCD
Offset 06h
76543210
Reset
Required
Scratchpad Register
(SCR)
Bank 0,
Scratch Data
Non-Extended Modes
Offset 07h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Auxiliary Status
Register (ASCR)
Bank 0,
RXF_TOUT
Extended Modes
Reserved
0
Offset 07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com