Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 145Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 146Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 147Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 148Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 149Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 150Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 151Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 152Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
149
www.national.com
6.7.2
Extended Control Register 1 (EXCR1)
Use this register to control module operation in the Extend-
ed mode. Upon reset all bits are set to 0.
Bit 0 - Extended Mode Select (EXT_SL)
When set to 1, the Extended mode is selected.
Bits 3 - 1 - Reserved
Read/Write 0.
Bit 4 - Loopback Enable (LOOP)
During loopback, the transmitter output is connected in-
ternally to the receiver input, to enable system self-test
of serial communications. In addition to the data signal,
all additional signals within the UART are interconnect-
ed to enable real transmission and reception using the
UART mechanisms.
When this bit is set to 1, loopback is selected. This bit
accesses the same internal register as bit 4 in the MCR
register, when the UART is in a Non-Extended mode.
Loopback behaves similarly in both Non-Extended and
Extended modes.
When Extended mode is selected, the DTR bit in the
MCR register internally drives both DSR and RI, and the
RTS bit drives CTS and DCD.
During loopback, the following actions occur:
1. The transmitter and receiver interrupts are fully op-
erational. The Modem Status Interrupts are also fully
operational, but the interrupt sources are now the
lower bits of the MCR register.
2. UART and infrared receiver serial input signals are
disconnected. The internal receiver input signals are
connected to the corresponding internal transmitter
output signals.
3. The UART transmitter serial output is forced high
and the infrared transmitter serial output is forced
low, unless the ETDLBK bit is set to 1. In which case
they function normally.
4. The modem status input pins (DSR, CTS, RI and
DCD) are disconnected. The internal modem status
signals, are driven by the lower bits of the MCR reg-
ister.
Bit 5 - Enable Transmitter During Loopback (ETDLBK)
When this bit is set to 1, the transmitter serial output is
enabled and functions normally when loopback is en-
abled.
Bit 6 - Reserved
Read/Write 0.
Bit 7 - Baud Generator Test (BTEST)
When set to 1, this bit routes the Baud Generator to the
DTR pin for testing purposes.
6.7.3
Line Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in bank 0.
6.7.4
Extended Control and Status Register 2
(EXCR2)
This register configures the Prescaler and controls the
Baud Divisor Register Lock.
Upon reset all bits are set to 0.
Bits 3 - 0 - Reserved
Read/Write 0.
Bits 5,4 - Prescaler Select
The prescaler divides the 24 MHz input clock frequency
to provide the clock for the Baud Generator. (See Table
6-13).
76543210
Reset
Required
x
x
x
x
x
x
x
x
High Byte Port
(BGD(H))
Bank 2,
Most Significant Byte
of Baud Generator
Baud Generator Divisor
Offset 01h
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
1
Status Register 1
(EXCR1)
Bank 2,
Extended Control and
LOOP
ETDLBK
Reserved
BTEST
EXT_SL
Offset 02h
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
Status Register 2
(EXCR2)
Bank 2,
Extended Control and
PRESL0
PRESL1
Reserved
LOCK
Offset 04h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com