Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 151 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 147Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 148Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 149Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 150Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 151Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 152Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 153Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 154Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
151
www.national.com
6.8.1
Module Revision ID Register (MRID)
This read-only register identifies the revision of the module.
When read, it returns the module ID and revision level. This
module returns the code 2xh, where x indicates the revision
number.
Bits 3-0 - Revision ID (MID3-0)
The value in these bits identifies the revision level.
Bits 7-4 - Module ID (MID7-4)
The value in these bits identifies the module type.
6.8.2
Shadow of Line Control Register (SH_LCR)
This register returns the value of the LCR register. The LCR
register is written into when a byte value according to Table
6-8 on page 143, is written to the LCR/BSR registers loca-
tion (at offset 03h) from any bank.
See “Line Control Register (LCR)” on page 142 for bit de-
scriptions.
6.8.3
Shadow of FIFO Control Register (SH_FCR)
This read-only register returns the contents of the FCR reg-
ister in bank 0.
See “FIFO Control Register (FCR)” on page 142 for bit de-
scriptions.
6.8.4
Line Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in bank 0.
6.9
UART1 REGISTER BITMAPS
76543210
Reset
Required
x
x
x
x
0
1
0
0
Module Revision ID
(MRID)
Bank 3,
Offset 00h
Register
Revision ID(RID 3-0)
Module ID(MID 7-4)
76543210
Reset
Required
0
0
0
0
0
0
0
0
Line Control Register
(SH_LCR)
Bank 3,
Shadow of
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN
Offset 01h
76543210
Reset
Required
0
0
0
0
0
0
0
0
FIFO Control Register
(SH_FCR)
Bank 3,
Shadow of
TXSR
TXFTH0
TXFHT1
RXFTH0
RXFTH1
FIFO_EN
RXSR
Reserved
Offset 02h
76543210
Reset
Required
Receiver Data
Register (RXD)
Bank 0,
Received Data
Read Cycles
Offset 00h
76543210
Reset
Required
Transmitter Data
Register (TXD)
Bank 0,
Transmitted Data
Write Cycles
Offset 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com