Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 155 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 155 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 151Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 152Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 153Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 154Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 155Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 156Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 157Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 158Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 159Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 192 page
background image
Power Management (Logical Device 4)
155
www.national.com
7.0
Power Management
(Logical Device 4)
7.1
POWER MANAGEMENT OPTIONS
The Power Management logical device provides configura-
tion options. Registers in this logical device enable activa-
tion of other logical devices, and set signal characteristics
for certain I/O pins. (See Section 7.2 "THE POWER MAN-
AGEMENT REGISTERS".)
7.2
THE POWER MANAGEMENT REGISTERS
Seventeen Power Management register control, activate
and monitor all activity of the power Management Logical
device.
Access to these registers is achieved by the use of two reg-
isters mapped in the PC87309 address space. The Power
Management registers are accessed via the Power Man-
agement Index and Data registers, which are located at
base address and base address + 01h, respectively. The
base address is indicated by the Base Address registers at
indexes 60h and 61h of Logical Device 4, respectively. See
TABLE 2-15 "Power Management Configuration Registers
- Logical Device 4" on page 27. TABLE 7-1 "The Power
Management Registers" lists these registers.
TABLE 7-1. The Power Management Registers
7.2.1
Power Management Index Register
This read/write register points to one of the Power Manage-
ment registers. Bits 7 through 3 are read only and return
00000 when read.
It is reset by hardware to 00h. The data in the indicated reg-
ister is accessed via the Power Management Data register
at the base address + 01h.
7.2.2
Power Management Data Register
This read/write register contains the data in the register
pointed to by the Power Management Index register at the
base address.
7.2.3
Function Enable Register 1 (FER1)
The bits of this register enable or disable activity of Logic
devices within the PC87309.
A set bit enables activation of the corresponding logical de-
vice via its Active register at index 30h.
A cleared bit disables the corresponding logical device re-
gardless of the value in its Active register. Bit 0 of the Active
register of a logical device is ignored when the correspond-
ing FER1 bit is cleared.
Hard reset sets this read/write register to FFh.
Bit 0 - KBC Function Enable
0: Disabled.
1: Enabled. (Default)
Bit 1 - Reserved
Bit 2 - Reserved
Bit 3 - FDC Function Enable
0: Disabled.
1: Enabled. (Default)
Bit 4 - Parallel Port Function Enable
0: Disabled.
1: Enabled. (Default).
Bit 5 - UART2 and Infrared Function Enable
0: Disabled.
Index Symbol
Description
Type
Base+0
Power Management Index Register R/W
Base+1
Power Management Data Register R/W
00h
FER1
Function Enable Register 1
R/W
01h
Reserved
02h
PMC1
Power Management Control 1
R/W
03h
Reserved
04h
PMC3
Power Management Control 3
R/W
05h-
07h
Reserved
Index of a Power
Read Only
76543210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Index Register,
+00h
Data in the Indicated Power
76543210
Reset
Required
0
0
0
0
0
0
0
0
Base Address
Power Management
Management Register
Data Register,
+ 01h
KBC Function Enable
76543210
Reset
Required
1
0
0
1
1
1
1
0
0
0
0
Index 00h
Function Enable
UART2 and Infrared Function Enable
Register 1 (FER1),
FDC Function Enable
Parallel Port Function Enable
UART1 Function Enable
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com