Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 152Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 153Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 154Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 155Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 156Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 157Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 158Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 159Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 192 page
background image
Power Management (Logical Device 4)
156
www.national.com
1: Enabled. (Default).
Bit 6 - UART1 Function Enable
0: Disabled.
1: Enabled. (Default).
Bit 7 - Reserved
7.2.4
Power Management Control Register (PMC1)
The bits of this register place the signals of the correspond-
ing inactive logical device in TRI-STATE (except IRQ and
DMA pins) when set to “1”,regardless of the value of bit 0 of
the corresponding logical device register at index F0h.
A cleared bit has no effect. In this case, the TRI-STATE sta-
tus of signals is controlled by bit 0 of the corresponding log-
ical device register at index F0h.
This is an OR function between PMC1 and the register at in-
dex F0h of the corresponding logical device.
Hard reset clears this read/write register to 00h.
Bits 2-0 - Reserved
Bit 3 - FDC TRI-STATE Control
0: No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O FDC Configuration register. (Default)
See Section 2.5.1 "SuperI/O FDC Configuration
Register" on page 30.
1: FDC signals are in TRI-STATE.
Bit 4 - Parallel Port TRI-STATE Control
0: No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O Parallel Port Configuration register. (Default)
See Section 2.6 "SUPERI/O PARALLEL PORT
CONFIGURATION REGISTER (LOGICAL DEVICE
1)" on page 30.
1: Parallel Port signals are in TRI-STATE.
Bit 5 - UART2 and Infrared TRI-STATE Control
0: No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O UART2 Configuration register. (Default)
See “Bit 0 - TRI-STATE Control for UART2 signals”
on page 31.
1: UART2 signals are in TRI-STATE.
Bit 6 - UART1 TRI-STATE Control
0: No effect. TRI-STATE controlled by bit 0 of the Su-
perI/O UART1 Configuration register. (Default)
See Section 2.8 "SUPERI/O UART1 CONFIGURA-
TION REGISTER (LOGICAL DEVICE 3)" on page 32.
1: UART1 signals are in TRI-STATE.
Bit 7 - Reserved
Reserved.
7.2.5
Power Management Control 3 Register (PMC3)
This register enables and monitors functions and devices.
Hard reset initializes this register to 0Eh.
Bit 0 - Power Management Timer CLock Enable
0: The clock is disabled.
The PM Timer registers (see Fixed ACPI registers)
are not accessible. Reads are ignored.
The TMR_STS and the TMR_EN bits (in PM1
Event registers) are read-only bits. Read returns 0.
1: The clock is enabled.
The PM Timer registers (see Fixed ACPI registers)
are accessible.
The TMR_STS and the TMR_EN bits (in PM1
Event registers) are functional.
Bit 1 - Parallel Port Clock Enable
This bit is ANDed with bit 1 of the SuperI/O Parallel Port
Configuration register at index F0h of Logical Device 4.
If either bit is cleared to 0, the clock is disabled. Both bits
must be set to 1 to enable the clock.
0: The clock is disabled.
1: If bit 1 of the SuperI/O Parallel Port Configuration
register is set to 1, the clock is enabled. (Default)
Bit 2 - UART2 Clock Enable
This bit is ANDed with bit 1 of the SuperI/O UART2 Con-
figuration register at index F0h of Logical Device 2. If ei-
ther bit is cleared to 0, the clock is disabled. Both bits
must be set to 1 to enable the clock.
0: The clock is disabled.
1: If bit 1 of the SuperI/O UART2 Configuration regis-
ter is set to 1, the clock is enabled. (Default)
FDC TRI-STATE Control
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index 02h
Power Management
Control 1 Register
Parallel Port TRI-STATE Control
UART2 and Infrared TRI-STATE Control
Reserved
Reserved
UART1 TRI-STATE Control
(PMC1)
UART1 Clock Enable
76543210
Reset
Required
0
1
1
1
0
0
0
0
Index 04h
Power Management
Control 3 Register
Reserved
Reserved
UART1 Busy Indicator
UART2 Busy Indicator
UART2 Clock Enable
Parallel Port Clock Enable
(PMC3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com