Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 156Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 157Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 158Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 159Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 160Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 192 page
background image
Mouse and Keyboard Controller (KBC) (Logical Devices 5 and 6)
160
www.national.com
Bit 0 of the Interrupt Type registers (index 71h for each log-
ical device) determines whether the interrupts are passed
(bit 0 = 0) or latched (bit 0 = 1). If bit 0 = 0, interrupt request
signals (P24 and P25) are passed directly to the selected
IRQ pin. If bit 0 = 1, interrupt request signals that become
active are latched on their rising edge, and held until read
from the KBC output buffer (port 60h).
FIGURE FIGURE 8-3 "Interrupt Request Logic" illustrates
the internal interrupt request logic.Refer to FIGURE 8-4 "In-
struction Timing" for a timing diagram.
FIGURE 8-3. Interrupt Request Logic
FIGURE 8-4. Instruction Timing
Note: The EN FLAGS command (for routing OBF and IBF onto P24 and P25 in the 8042) causes unpredictable results and
should not be issued
From Mouse IRQ
A15-0
AEN
Address
Decoder
MR
Port 60
Read
Mouse IRQ Feedback
From KBC IRQ
PR
Q
D
CLR
“1”
0
1
MUX
Interrupt
KBC IRQ Feedback
CLK
Interrupt Enable
A15-0
AEN
RD
Address
Decoder
Port 60
Read
Interrupt Enable
MR
RD
(1 = Latch)
Interrupt
(0 = Invert)
Type
Polarity
0
1 MUX
Plug and
Play Matrix
PR
Q
D
CLR
“1”
0
1
MUX
Interrupt
CLK
(1 = Latch)
Interrupt
(0 = Invert)
Type
Polarity
0
1 MUX
Plug and
Play Matrix
S1
S2
S3
S4
S5
S1
1 Instruction Cycle = 15 Clock Cycles
KBC CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com